Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1811 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM1811
Description  G3-PLC graphical user interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1811 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM1811 Datasheet HTML 16Page - STMicroelectronics UM1811 Datasheet HTML 17Page - STMicroelectronics UM1811 Datasheet HTML 18Page - STMicroelectronics UM1811 Datasheet HTML 19Page - STMicroelectronics UM1811 Datasheet HTML 20Page - STMicroelectronics UM1811 Datasheet HTML 21Page - STMicroelectronics UM1811 Datasheet HTML 22Page - STMicroelectronics UM1811 Datasheet HTML 23Page - STMicroelectronics UM1811 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
PHY menu
UM1811
20/52
DocID026814 Rev 1
5.3
PLME menu
The physical sublayer management entity menu allows setting the transmission parameters,
as shown in Figure 12.
Figure 12. PLME menu description
From this panel, the following commands are available:
PLME_SET.Request: to set PHY layer transmission parameters
PLME_GET.Request: to get parameters related to the latest received packet
PLME_SET.Confirm: forces generation of a confirm message (if automatic event is
disabled)
PLME_GET.Confirm : forces generation of a confirm message (if automatic event is
disabled).
The following transmission options are available in the panel:
ToneMap: bitmap containing the list of the active sub bands (bit set to 1) or inactive (bit
set to zero). Active means that data are transmitted in that sub-band, inactive means
that dummy data are transmitted. The 6 less significant bits are only considered.
ToneMask: bitmap containing the list of the active carriers (bit set to 1) or inactive (bit
set to zero). Active means that the carrier has energy (transport data or dummy bit),
inactive means that the carrier has no energy.
DT: delimiter type
–
NO_RESP: start of the frame with no response expected
–
RESP_EXP: start of the frame with response expected
–
ACK: positive acknowledgment
–
NACK: negative acknowledgment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com