Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1811 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM1811
Description  G3-PLC graphical user interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1811 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM1811 Datasheet HTML 12Page - STMicroelectronics UM1811 Datasheet HTML 13Page - STMicroelectronics UM1811 Datasheet HTML 14Page - STMicroelectronics UM1811 Datasheet HTML 15Page - STMicroelectronics UM1811 Datasheet HTML 16Page - STMicroelectronics UM1811 Datasheet HTML 17Page - STMicroelectronics UM1811 Datasheet HTML 18Page - STMicroelectronics UM1811 Datasheet HTML 19Page - STMicroelectronics UM1811 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
G3LIB menu
UM1811
16/52
DocID026814 Rev 1
PHYLASTRCVPKTRSSTATUS
Status returned by the Reed-Solomon decoder on the last received packet (0
- no errors, 1 - corrected errors, 2 or 3 - errors detected but not corrected)
PHYLASTRCVPKTDT
DT value of the last RX PHY packet
PHYLASTRCVPKTPDC
PDC value of the last RX PHY packet
PHYLASTRCVPKTTM
TM value of the last RX PHY packet
PHYFREECHANNELTIME
Timestamp at which the channel becomes free
PHYPREDRIVERGAIN
Correspondence between the attribute value and predriver gain
PHYLASTRXVALIDFCH
FCH of the last valid RX PHY packet
PHYLASTTXFCH
FCH of the last TX PHY packet
PHYAGCRESETTIMEOUT
The number of SYNCP preamble symbols without any preamble detection
after which the AGC is reset
PHYCENELECLEGACYMODE
0 (elementary interleaving, interleaver parameters are not swapped), 1 (full
block interleaving, interleaver parameters are swapped)
PHYRSFILTERDISABLED
Disabled the RS filter: 0 filter active, 1 filter not active
PHYTHRPCS_S
The carrier sense threshold on one SYNCP
PHYTHRPCS_S2
The carrier sense threshold on two SYNCP
PHYPCSWINDOW
The number of SYNCP symbols to wait for the preamble detection after PCS
PHYZCDELAYCOMPENSATION
The delay in µs between the zero crossing of powerline AC and the zero
crossing at the ZC_IN pin. The compensation is applied for phase detection
purposes such as PDC field.
Table 4. PHY layer information base attributes (continued)
PHYSICAL layer attributes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com