Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1811 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM1811
Description  G3-PLC graphical user interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1811 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM1811 Datasheet HTML 27Page - STMicroelectronics UM1811 Datasheet HTML 28Page - STMicroelectronics UM1811 Datasheet HTML 29Page - STMicroelectronics UM1811 Datasheet HTML 30Page - STMicroelectronics UM1811 Datasheet HTML 31Page - STMicroelectronics UM1811 Datasheet HTML 32Page - STMicroelectronics UM1811 Datasheet HTML 33Page - STMicroelectronics UM1811 Datasheet HTML 34Page - STMicroelectronics UM1811 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
DocID026814 Rev 1
31/52
UM1811
ADP menu
52
7.1
ADP root menu
The root menu offers the possibility to enter a payload and send it at the ADP layer, as
shown in Figure 19.
Figure 19. ADP root panel
The ADP root panel is composed of one single command:
ADPD-DATA.Request: requests IPv6 DATA transmission
Confirm and indication messages are automatically generated as explained in Section 3.4
on page 12.
The following options are available in the panel:
Payload type: selects the hexadecimal or ASCII input mode for the NSDU
Payload content: free text window to enter the NSDU to be sent (note that the data has
to be a valid IPv6 packet)
Max Payload Size: check box to configure the maximum size for the random option
Generate Random: option to generate a random NSDU
NsduHandle: the handle associated with the NSDU to be transmitted
QoS : quality of the service for the NSDU (normal priority, high priority, contention free)
Discover Route option: if TRUE, a route discovery procedure will be performed prior
sending the ADP frame, as long as a route to the destination is not available in the
routing table. If FALSE, no route discovery is performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com