Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1811 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM1811
Description  G3-PLC graphical user interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1811 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM1811 Datasheet HTML 25Page - STMicroelectronics UM1811 Datasheet HTML 26Page - STMicroelectronics UM1811 Datasheet HTML 27Page - STMicroelectronics UM1811 Datasheet HTML 28Page - STMicroelectronics UM1811 Datasheet HTML 29Page - STMicroelectronics UM1811 Datasheet HTML 30Page - STMicroelectronics UM1811 Datasheet HTML 31Page - STMicroelectronics UM1811 Datasheet HTML 32Page - STMicroelectronics UM1811 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
DocID026814 Rev 1
29/52
UM1811
MAC menu
52
macInvalidDataCmd
The counter of discarded frames due to an invalid command detected
macInternalStateNotCorrect
The counter of discarded frames due to an invalid state of MAC when
receiving a PD-DATA.indication
macFrameDiscarded
The counter of discarded frames for other reasons not represented by
other errors
macAckTrxStateNotCorrect
The counter of discarded ACK frames for the PHY state not correct
(PHY In TX)
macAckNotCorrect
The counter of discarded ACK frames for wrong FCH received
macAckIntStateNotCorrect
The counter of discarded ACK frames for an invalid state of the MAC
macAckCrcNotExpected
The counter of discarded ACK frames for invalid CRC expected
macAckDiscarded
The counter of total discarded ACK frames
macCSMASeed
Initial seed of the CSMA/CA procedure
macInvalidFramePending
The counter of discarded frames due to an invalid frame pending field
detected
macInvalidPIC
The counter of discarded frames due to an invalid PIC field detected
SNRdBROBO
The tone map algorithm threshold for the robust mode
SNRdBDBPSK
The tone map algorithm threshold for DBPSK modulation
SNRdBDQPSK
The tone map algorithm threshold for DQPSK modulation
SNRdBD8PSK
The tone map algorithm threshold for D8PSK modulation
macRXBeaconReceivedFromLastScan
The number of received beacons from the start of the last scan
macModulationControl
The field mask to control the modulation used by the MAC layer where:
Bit [0 … 3]: defines the modulation to be used for the data dtransmission
(0: ROBO, 1: DBPSK or BPSK, 2: DQPSK or QPSK, 3: D8PSK or 8PSK,
F use neighbor table)
Bit [4 ... 7]: defines the modulation scheme to be asked in the tone map
response (0: ROBO, 1: DBPSK or BPSK, 2: DQPSK or QPSK,
3: D8PSK or 8PSK, F use the internal algorithm)
Bit 8: if 1 forces the differential data transmission
Bit 9: if 1 forces the differential modulation in the tone map response
macOptionalFeatures
The field mask to control the optional features provided by the MAC
layer where:
Bit 0: if 1 it enables the TMR bit in the tone map response
Bit 1: if 1 it enables the encryption of the tone map response
Table 7. MAC ST implementation defined information base attributes (continued)
ST implementation defined attributes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com