Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1811 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM1811
Description  G3-PLC graphical user interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1811 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM1811 Datasheet HTML 23Page - STMicroelectronics UM1811 Datasheet HTML 24Page - STMicroelectronics UM1811 Datasheet HTML 25Page - STMicroelectronics UM1811 Datasheet HTML 26Page - STMicroelectronics UM1811 Datasheet HTML 27Page - STMicroelectronics UM1811 Datasheet HTML 28Page - STMicroelectronics UM1811 Datasheet HTML 29Page - STMicroelectronics UM1811 Datasheet HTML 30Page - STMicroelectronics UM1811 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
DocID026814 Rev 1
27/52
UM1811
MAC menu
52
6.5
MAC information base attributes description
Here is a brief description for all the attributes of the MAC information base.
Table 5. MAC IEEE 802.15.4 information base attributes
Standard IEEE 802.15.4 attributes
macAckWaitDuration
Duration of acknowledgment in microseconds
macMaxBE
Maximum value of the backoff exponent. It should always be greater
than macMinBE
macBSN
The beacon frame sequence number
macDSN
The data frame sequence number
macMaxCSMABackoffs
The maximum number of backoff attempts
macMinBE
Minimum value of the backoff exponent
macPANId
Personal area network identifier
macPromiscuousMode
Promiscuous mode enable
macShortAddress
Device short address
macMaxFrameRetries
The maximum number of retransmission
macTimeStampSupport
MAC frame time stamp support enable
macSecurityEnabled
Security enabled
macKeyTable
This attribute holds GMK keys required for MAC layer ciphering
macFrameCounter
The outgoing frame counter for this device
Table 6. MAC G.9903 information base attributes
Standard G.9903 attributes
macHighPriorityWindowSize
The high priority contention window size in number of slots.
macTxDataPacketCount
The statistical counter of successfully transmitted unicast MSDUs
macRxDataPacketCount
The statistical counter of successfully received unicast MSDUs
macTxCmdPacketCount
The statistical counter of successfully transmitted command packets
macRxCmdPacketCount
The statistical counter of successfully received command packets
macCSMAFailCount
Counts the number of times the CSMA back-offs reaches
macMaxCSMABackoffs
macCSMAnoACKCount
Counts the number of times an ACK is not received while transmitting
a unicast data frame
macRxDataBroadcastCount
The statistical counter of successfully received broadcast frames
macTxDataBroadcastCount
The statistical counter of the number of broadcast frames sent
macBadCRCCount
The statistical counter of the number of frames received with bad CRC
macNeighborTable
The neighbor table for this device
macFreqNotching
S-FSK 63 and 74 kHz frequency notching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com