Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1811 Datasheet(PDF) 36 Page - STMicroelectronics

Part # UM1811
Description  G3-PLC graphical user interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1811 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button UM1811 Datasheet HTML 32Page - STMicroelectronics UM1811 Datasheet HTML 33Page - STMicroelectronics UM1811 Datasheet HTML 34Page - STMicroelectronics UM1811 Datasheet HTML 35Page - STMicroelectronics UM1811 Datasheet HTML 36Page - STMicroelectronics UM1811 Datasheet HTML 37Page - STMicroelectronics UM1811 Datasheet HTML 38Page - STMicroelectronics UM1811 Datasheet HTML 39Page - STMicroelectronics UM1811 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
ADP menu
UM1811
36/52
DocID026814 Rev 1
adpBroadcastLogTable
Contains the broadcast log table
adpRoutingTable
Contains the routing table
adpUnicastRREQGenEnable
If TRUE, the RREQ shall be generated with its ''unicast RREQ'' flag set to '1'
If FALSE, the RREQ shall be generated with its ''unicast RREQ'' flag set to '0'
adpGroupTable
Contains the group addresses to which the device belongs
adpMaxHops
Defines the maximum number of hops to be used by the routing algorithm
adpDeviceType
Defines the type of the device connected to the modem:
0: PAN device
1: PAN coordinator
2: not defined
adpNetTraversalTime
Maximum time that a packet is expected to take to reach any node from any
node in seconds
adpRoutingTableEntryTTL
Maximum time to live of a routing table entry (in seconds)
adpKr
A weight factor for the robust mode to calculate the link cost
adpKm
A weight factor for modulation to calculate the link cost
adpKc
A weight factor for the number of active tones to calculate the link cost
adpKq
A weight factor for LQI to calculate the route cost
adpKh
A weight factor for hop to calculate the link cost
adpRREQRetries
The number of RREQ retransmission in case of RREP reception timeout
adpRREQRERRWait
Time in seconds to wait between two consecutive RREQ or RRER generations
adpWeakLQIValue
The weak link value defines the LQI value below which a link to a neighbor is
considered as a weak link. A value of 52 represents an SNR of 3 dB.
adpKrt
A weight factor for the number of active routes in the routing table to calculate
the link cost
adpSoftVersion
The software version
adpSnifferMode
The Sniffer mode activation/deactivation
adpBlacklistTable
Contains the list of the blacklisted neighbors
adpBlacklistTableEntryTTL
Maximum time to live of a blacklisted neighbor entry (in minutes)
adpMaxJoinWaitTime
Network join timeout in seconds for LBD
adpPathDiscoveryTime
Timeout for path discovery in seconds
adpActiveKeyIndex
Index of the active GMK to be used for data transmission
adpDisableDefaultRouting
If TRUE, the default routing (LOADng) is disabled. If FALSE, the default routing
(LOADng) is enabled
Table 8. ADP G.9903 information base attributes52 (continued)
Standard G.9903 ADP information base attributes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com