Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1811 Datasheet(PDF) 41 Page - STMicroelectronics

Part # UM1811
Description  G3-PLC graphical user interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1811 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button UM1811 Datasheet HTML 37Page - STMicroelectronics UM1811 Datasheet HTML 38Page - STMicroelectronics UM1811 Datasheet HTML 39Page - STMicroelectronics UM1811 Datasheet HTML 40Page - STMicroelectronics UM1811 Datasheet HTML 41Page - STMicroelectronics UM1811 Datasheet HTML 42Page - STMicroelectronics UM1811 Datasheet HTML 43Page - STMicroelectronics UM1811 Datasheet HTML 44Page - STMicroelectronics UM1811 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
DocID026814 Rev 1
41/52
UM1811
Sniffer panel
52
9
Sniffer panel
9.1
Introduction
The Sniffer utility allows sniffing the physical link; using this tool all the PHY messages that
can be detected by the G3-PLC platform are displayed in the Sniffer tab. While the Sniffer
tool is running the G3-PLC platform cannot perform any other operation.
If a captured PHY message is encapsulating a MAC frame, the Sniffer tool can also show
the content of such MAC frame. In case the MAC frame is ciphered the Sniffer tool also
offers the capability to decipher on-the-fly the content of the MAC frame.
In order to perform the deciphering the G3-PLC GUI interface needs to be configured with
the GMK used to cipher the MAC frames, as shown in Figure 28. First the Plugin Settings
button has to be pressed (1), then the GMK can be inserted within the pop-up window (2).
The GMK is typically a secret in a G3-PLC network, so it is not always possible to use the
on-the-fly deciphering feature in a real scenario. Moreover ST cannot be responsible for key
stealing when the user decides to reveal this secret in order to use this tool.
Figure 28. Set GMK for the Sniffer tool
In order to activate the Sniffer tool the PowerLine Sniffer button (1) has to be pressed, as
represented in Figure 29; then the enhanced COM port has to be selected (2) and by
clicking the Open button (3) the Sniffer tool is activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com