Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1811 Datasheet(PDF) 35 Page - STMicroelectronics

Part # UM1811
Description  G3-PLC graphical user interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1811 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button UM1811 Datasheet HTML 31Page - STMicroelectronics UM1811 Datasheet HTML 32Page - STMicroelectronics UM1811 Datasheet HTML 33Page - STMicroelectronics UM1811 Datasheet HTML 34Page - STMicroelectronics UM1811 Datasheet HTML 35Page - STMicroelectronics UM1811 Datasheet HTML 36Page - STMicroelectronics UM1811 Datasheet HTML 37Page - STMicroelectronics UM1811 Datasheet HTML 38Page - STMicroelectronics UM1811 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
DocID026814 Rev 1
35/52
UM1811
ADP menu
52
Figure 23. Effect of show routing table command
7.5
ADP information base attributes description
Here is a brief description for all the attributes of the ADP information base.
Table 8. ADP G.9903 information base attributes52
Standard G.9903 ADP information base attributes
adpSecurityLevel
The minimum security level to be used for incoming and outgoing adaptation
frames
adpPrefixTable
Contains the list of prefixes defined on this PAN. Note that it is assumed that the
link local IPv6 address exists independently and is not affected by the prefixes
defined in the prefix table
adpBroadcastLogTableEntryTTL Maximum time to live of a adpBroadcastLogTable entry (in seconds)
adpMetricType
A metric type to be used for routing purposes
adpNumDiscoveryAttempts
The number of discovery attempts
adpDiscoveryAttemptsWaitTime
Allows programming the maximum wait time between invocation of two
consecutive network discovery primitives (in seconds)
adpContextInformationTable
Contains the context information associated to each CID extension field
adpCoordShortAddress
Defines the short address of the coordinator
adpRLCEnabled
Enables the sending of RLCREQ frame by the device
adpAddRevLinkCost
It represents an additional cost to take into account a possible asymmetry in the
link



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com