Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1811 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM1811
Description  G3-PLC graphical user interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1811 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM1811 Datasheet HTML 28Page - STMicroelectronics UM1811 Datasheet HTML 29Page - STMicroelectronics UM1811 Datasheet HTML 30Page - STMicroelectronics UM1811 Datasheet HTML 31Page - STMicroelectronics UM1811 Datasheet HTML 32Page - STMicroelectronics UM1811 Datasheet HTML 33Page - STMicroelectronics UM1811 Datasheet HTML 34Page - STMicroelectronics UM1811 Datasheet HTML 35Page - STMicroelectronics UM1811 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
ADP menu
UM1811
32/52
DocID026814 Rev 1
7.2
ADPM control menu
The ADP layer management entity control menu offers the management layer commands of
the G3-PLC ADP layer, as shown in Figure 20.
Figure 20. ADPM control menu
This menu allows the user to execute the following commands:
ADPM-DISCOVER.Request: performs a discovery procedure for the duration entered
by the user in the free text area.
ADPM-NETWORK-START.Request: starts a new powerline area network on the server
side with the specified PANId.
ADPM-NETWORK-JOIN.Request: this primitive allows the next upper layer to join
a network identified by PANId through a low bootstrap agent (short address).
ADPM-NETWORK-LEAVE.Request: this primitive allows the next upper layer to leave
an existing network.
ADPM-RESET.Request: it resets the ADP layer.
ADPM-ROUTE-DISCOVERY.Request: requests the discovery of the route towards
a destination. The user needs to enter the destination address to look for and the
maximum allowed number of hops.
ADPD-PATH-DISCOVERY.Request: requests the discovery of the path towards
a destination. The user needs to enter the destination address to look for and the
metric type for the link cost evaluation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com