Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1811 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM1811
Description  G3-PLC graphical user interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1811 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM1811 Datasheet HTML 19Page - STMicroelectronics UM1811 Datasheet HTML 20Page - STMicroelectronics UM1811 Datasheet HTML 21Page - STMicroelectronics UM1811 Datasheet HTML 22Page - STMicroelectronics UM1811 Datasheet HTML 23Page - STMicroelectronics UM1811 Datasheet HTML 24Page - STMicroelectronics UM1811 Datasheet HTML 25Page - STMicroelectronics UM1811 Datasheet HTML 26Page - STMicroelectronics UM1811 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
DocID026814 Rev 1
23/52
UM1811
MAC menu
52
6.1
MAC root menu
The root menu offers the possibility to enter a payload and send it at the MAC layer.
Figure 14. MAC root panel
On this panel, the following command may be executed:
MCPS-DATA.Request: command used to send data across the MAC layer
MCPS-DATA.Confirm: forces generation of a confirmation message (if automatic event
is disabled)
MCPS-DATA.Indication: forces generation of an indication message (if automatic event
is disabled)
The following options are available in the panel:
Security Level: the security level to be used (No Security, ENC-MIC-32 CCM*)
Src Address Mode: the source address mode (BITS16: short address, BITS64:
extended address)
Dst Address Mode: the destination address mode (BITS16: short, BITS64: extended
address)
DstPANId: the ID of the powerline area network
DstAddr: the destination address
Msdu Payload type: select the hexadecimal or ASCII input mode for the MSDU
Msdu Payload content: a free text window to enter the data to be sent
Max Paylaod Size: a check box to configure the maximum size for the random MSDU
option
Generate Random: an option to generate a random MSDU
TX options: transmission options for the MSDU (TX_ACK, TX_CAP, TX_DIRECT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com