Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1811 Datasheet(PDF) 44 Page - STMicroelectronics

Part # UM1811
Description  G3-PLC graphical user interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1811 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button UM1811 Datasheet HTML 40Page - STMicroelectronics UM1811 Datasheet HTML 41Page - STMicroelectronics UM1811 Datasheet HTML 42Page - STMicroelectronics UM1811 Datasheet HTML 43Page - STMicroelectronics UM1811 Datasheet HTML 44Page - STMicroelectronics UM1811 Datasheet HTML 45Page - STMicroelectronics UM1811 Datasheet HTML 46Page - STMicroelectronics UM1811 Datasheet HTML 47Page - STMicroelectronics UM1811 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
Basic G3 operations
UM1811
44/52
DocID026814 Rev 1
Figure 32. Configure Node 1 in TX
For the Node 2, as shown in Figure 32, go into the PHY menu / PLME_Control panel (1) to
configure the state of the node. Check the TXOFF_RXON (2) parameter and click on the
PLME_SET_TRX_STATE.Request button (3).
Figure 33. Configure Node 2 in RX
Now that the boards are plugged in the mains and the setup has been completed, data can
be sent at the PHY level, as represented in Figure 33. To do this, go to the PHY root menu
of the Node 1. Select the payload type to be ASCII (1), write the “TEST” string in the free
text area (2) and click on the PD_DATA.Request button (3).
In the trace window, it is possible to check that the Node 2 has received the data message
by checking that the PD_DATA.Indication message returned the SUCCESS status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com