Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4149 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4149
Description  Designing a CCM PFC pre-regulator based on the L4984D
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4149 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4149 Datasheet HTML 5Page - STMicroelectronics AN4149 Datasheet HTML 6Page - STMicroelectronics AN4149 Datasheet HTML 7Page - STMicroelectronics AN4149 Datasheet HTML 8Page - STMicroelectronics AN4149 Datasheet HTML 9Page - STMicroelectronics AN4149 Datasheet HTML 10Page - STMicroelectronics AN4149 Datasheet HTML 11Page - STMicroelectronics AN4149 Datasheet HTML 12Page - STMicroelectronics AN4149 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
DocID023523 Rev 2
9/43
AN4149
CCM PFC using FOT control
inductor current envelope. The brown waveform is relevant to Vin=190 Vac, which is the
condition where CCM operation no longer occurs at zero-crossings (this voltage value, for a
given power level, depends on the inductance value of the boost inductor); a certain degree
of distortion is already visible. The waveform relevant to Vin = 264 Vac shows the highest
degree of distortion and the largest portion of the line cycle where the boost inductor
operates in discontinuous mode (DCM). However, its harmonic content, shown in Figure 9
and 10, is still so low that is not an issue for EMC compliance. Almost all the distortion is
concentrated in the third harmonic, whose amplitude is 17% of the fundamental one, while
the THD is 17.7%.
Figure 11. Line-modulated, FOT controlled boost PFC: input current harmonic
contents
The compliance with conducted EMI emission regulations is also facilitated by the voltage
ripple appearing across the output capacitor CO , at twice the line frequency fL, which has
peak amplitude
ΔVout proportional to the output current IOUT. As a consequence, fsw is not
constant but is modulated at 2fL, spreading the spectrum of the electrical noise injected
back into the power line. The relative frequency change due to the output voltage ripple is:
Equation 11
where
ΔVout can be found with the following expression:
Equation 12
AM13310v1
Vin = 264Vac
THD = 17.7%
Harmonic order (n)
Vin = 264Vac
THD = 17.7%
Harmonic order (n)
Vout
Vout
Vout
Vout
f
f
sw
sw
Δ
+
Δ
=
Δ
1
Cout
f
Iout
Vout
L
π
=
Δ
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com