Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4149 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4149
Description  Designing a CCM PFC pre-regulator based on the L4984D
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4149 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4149 Datasheet HTML 16Page - STMicroelectronics AN4149 Datasheet HTML 17Page - STMicroelectronics AN4149 Datasheet HTML 18Page - STMicroelectronics AN4149 Datasheet HTML 19Page - STMicroelectronics AN4149 Datasheet HTML 20Page - STMicroelectronics AN4149 Datasheet HTML 21Page - STMicroelectronics AN4149 Datasheet HTML 22Page - STMicroelectronics AN4149 Datasheet HTML 23Page - STMicroelectronics AN4149 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
Designing a CCM FOT-controlled PFC
AN4149
20/43
DocID023523 Rev 2
The exact value of the MOSFET's COSS is indicated in the datasheet looking at the graph
representing COSS vs. VDS. At VDS equal to 400 V, COSS is 40 pF. This value should be
multiplied by two as two MOSFETs have been used in parallel, and adding a rough 100pF of
all other contributions, CD can be found:
Equation 56
Then the average rising time of the drain voltage is:
Equation 57
However, the average falling time depends on the driving current IG (limited by the resistor
placed on the gate), the MOSFET's total gate charge QG and the driving voltage Vdr,
supposed here equal to VCC (for example, 15 V) applied for simplicity. In the resistor
calculation the intrinsic gate resistance should also be considered. In the case of the
STF21N65M5, RG is 2.5 Ω which has to be added to the externally placed resistor RGext
(3.3
Ω in this design).
Equation 58
Finally, the MOSFET’s switching losses can be estimated with equation 55:
Equation 59
To estimate the capacitive losses, that is, the losses due to the discharge of the total drain
capacitance through the MOSFET at turn-on, this simple expression can be considered:
Equation 60
pF
pF
pF
C
C
C
stray
OSS
D
180
100
40
2
2
=
+
⋅
=
+
⋅
=
ns
IL
V
C
I
V
C
t
pk
DS
D
D
DS
D
rise
17
1
0
max
≈
⋅
⋅
=
⋅
=
π
π
ns
V
nC
R
R
V
Q
I
Q
t
G
Gext
dr
G
G
G
Cfall
19
5
.
2
3
.
3
15
50
≈
Ω
+
Ω
=
+
=
=
()
()
W
kHz
ns
ns
A
V
V
P
SW
2
.
2
70
19
17
36
.
4
400
2
1
90
=
⋅
+
⋅
⋅
⋅
=
)
(
2
1
)
(
2
VAC
f
V
C
VAC
P
sw
DS
D
cap
⋅
⋅
⋅
=
()
W
kHz
V
pF
V
P
cap
1
70
400
180
2
1
)
90
(
2
=
⋅
⋅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com