Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4149 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4149
Description  Designing a CCM PFC pre-regulator based on the L4984D
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4149 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4149 Datasheet HTML 20Page - STMicroelectronics AN4149 Datasheet HTML 21Page - STMicroelectronics AN4149 Datasheet HTML 22Page - STMicroelectronics AN4149 Datasheet HTML 23Page - STMicroelectronics AN4149 Datasheet HTML 24Page - STMicroelectronics AN4149 Datasheet HTML 25Page - STMicroelectronics AN4149 Datasheet HTML 26Page - STMicroelectronics AN4149 Datasheet HTML 27Page - STMicroelectronics AN4149 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
L4984D biasing circuitry
AN4149
24/43
DocID023523 Rev 2
3
L4984D biasing circuitry
The following sections describe the selection of the circuitry around the L4984D.
3.1
Feedback and OVP
Pin 1 (INV): this pin is connected both to the inverting input of the E/A and to the OVP
circuitry. A resistive divider has to be connected between the boost regulated output voltage
and this pin. The internal reference on the non-inverting input of the E/A is 2.5 V (typ.), the
output voltage (Vout) of the PFC pre-regulator is set at the nominal value by the resistor ratio
of the feedback output divider. RoutH and RoutL will be then selected considering the desired
nominal output voltage and the desired output power dissipated on the output divider.
For example for a 25 mW output divider dissipation:
Equation 70
Please note that for RoutH a resistor with a suitable voltage rating (> 400 V) is needed, or
more resistors in series have to be used. Here three 2.2 M
Ω resistors in series have been
selected.
Equation 71
Equation 72
For RoutL a value of 160 kΩ in parallel to a 56 kΩ has been selected.
Pin 2 (COMP): this pin is the output of the E/A that is fed to one of the inputs of the
multiplier. A feedback compensation network is placed between this pin and INV. It has to be
designed in with a narrow bandwidth in order to avoid that the system rejects the output
voltage ripple (100 Hz) that would bring high distortion of the input current waveform. A
theoretical criterion to define the compensation network value is to set the E/A bandwidth
(BW) below 20 Hz. The compensated two-pole feedback network selection for this 350 W
FOT PFC has been described in detail in Section 4: FOT PFC boost control loop.
Pin 6 (PFC_OK - Feedback failure protection): PFC_OK pin has been dedicated to
monitor the output voltage of a separate resistor divider. This divider is selected so that the
voltage at the pin reaches 2.5 V if the output voltage exceeds a preset value (Vovp), usually
larger than the maximum Vout that can be expected, also including worst-case load/line
transients. For a maximum output voltage Voutmax of 430 V and selecting a 50 μA current
flowing in to the divider:
()
mW
V
V
R
out
outH
25
5
.
2
2
−
=
()
Ω
=
−
=
M
mW
V
V
R
outH
320
.
6
25
5
.
2
400
2
1
5
.
2
−
=
V
V
R
R
out
outL
outH
159
1
5
.
2
400
=
−
=
V
V
R
R
outL
outH
159
out
outL
V
R
=
Ω
=
Ω
=
k
M
R
outL
7
.
39
159
6
.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com