Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4149 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN4149
Description  Designing a CCM PFC pre-regulator based on the L4984D
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4149 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN4149 Datasheet HTML 28Page - STMicroelectronics AN4149 Datasheet HTML 29Page - STMicroelectronics AN4149 Datasheet HTML 30Page - STMicroelectronics AN4149 Datasheet HTML 31Page - STMicroelectronics AN4149 Datasheet HTML 32Page - STMicroelectronics AN4149 Datasheet HTML 33Page - STMicroelectronics AN4149 Datasheet HTML 34Page - STMicroelectronics AN4149 Datasheet HTML 35Page - STMicroelectronics AN4149 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
FOT PFC boost control loop
AN4149
32/43
DocID023523 Rev 2
Equation 91
Looking at Figure 16, related to the gain and the phase of the control-to-output transfer
function, it is possible to notice that it has just one pole at the origin. The gain falls with a
slope -20 dB/dec and the phase shift is -90 ° at all frequencies.
It can also be noted that the crossover frequency is much higher than the one required for a
PFC (lower than 20 Hz). To make the gain roll off at low frequency (so as to cross the 0 dB
axis at low frequency) and to boost the phase in the neighborhood of the crossover
frequency (so as to increase phase margin), type II compensation is usually used, which
adds a pole-zero couple.
Figure 16. Bode plots of the control-to-output transfer function
Figure 17. Schematic diagram of a type II compensation
o
r
p
S
out
m
o
C
K
k
R
V
k
G
⋅
+
⋅
⋅
⋅
⋅
⋅
=
2
1
2
η
7
.
955
200
2
27
.
0
1
11
.
0
400
92
.
0
2
23
.
0
=
⋅
⋅
+
⋅
⋅
Ω
⋅
⋅
⋅
=
F
k
V
G
p
o
μ
AM13316v1
AM13317v1
R1
R2
C2
C1
V
OUT
V
COMP
V
ref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com