Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4149 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN4149
Description  Designing a CCM PFC pre-regulator based on the L4984D
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4149 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4149 Datasheet HTML 23Page - STMicroelectronics AN4149 Datasheet HTML 24Page - STMicroelectronics AN4149 Datasheet HTML 25Page - STMicroelectronics AN4149 Datasheet HTML 26Page - STMicroelectronics AN4149 Datasheet HTML 27Page - STMicroelectronics AN4149 Datasheet HTML 28Page - STMicroelectronics AN4149 Datasheet HTML 29Page - STMicroelectronics AN4149 Datasheet HTML 30Page - STMicroelectronics AN4149 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
DocID023523 Rev 2
27/43
AN4149
L4984D biasing circuitry
3.3
Mult divider and VFF
Pin 3 (MULT): the MULT pin is the second multiplier input. It will be connected, through a
resistive divider, to the rectified mains to get a sinusoidal voltage reference.
A complete illustration is given by the diagrams of Figure 13 and Figure 14 which show the
typical multiplier characteristics family. The linear operation of the multiplier is guaranteed
within the range 0 to 3 V of VMULT and the range 0 to 0.82 V (typ.) of Vcs, while the minimum
guaranteed value of the maximum slope of the characteristics family (typ.) is:
Equation 79
The voltage on the MULT pin is used also to derive the information on the RMS mains
voltage for the VFF compensation and the brownout function:
Pin 5 (VFF): the power stage gain of PFC pre-regulators varies with the square of the RMS
input voltage. This applies as well to the crossover frequency fc of the overall open-loop
gain because the gain has a single pole characteristic. This leads to large trade-offs in the
design. For example, setting the gain of the error amplifier to get fc = 20 Hz at 264 Vac
means having fc about 4 Hz at 88 Vac, resulting in sluggish control dynamics. Additionally,
the slow control loop causes large transient current flow during rapid line or load changes
that are limited by the dynamics of the multiplier output. This limit is considered when
selecting the sense resistor to let the full load power pass under minimum line voltage
conditions, with some margin. But a fixed current limit allows excessive power input at high
line, whereas a fixed power limit requires the current limit to vary inversely with the line
voltage.
Voltage feed-forward can compensate for the gain variation with the line voltage and allow
overcoming all of the above-mentioned issues. It consists of deriving a voltage proportional
to the input RMS voltage, feeding this voltage into a squarer/divider circuit (1/V2 corrector)
and providing the resulting signal to the multiplier that generates the current reference for
the inner current control loop.
Figure 13. Multiplier characteristics
family for VFF = 1 V
Figure 14. Multiplier characteristics
family for VFF = 3 V
AM13313v1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
VMULT (V)
2.6 V
Upper voltage clamp
3.0 V
3.5 V
4.0 V
4.5 V
5.0 V
5.5 V
VCOMP
AM13314v1
0
50
100
150
200
250
300
350
400
450
500
0
0.5
1
1.5
2
2.5
3
3.5
VMULT (V)
2.6 V
3.5 V
4.0 V
4.5 V
3.0 V
5.0 V
5.5 V
VCOMP
Upper Voltage
VFF = 3 V
V
V
dV
dV
MULT
CS
4
.
1
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com