Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4149 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN4149
Description  Designing a CCM PFC pre-regulator based on the L4984D
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4149 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN4149 Datasheet HTML 26Page - STMicroelectronics AN4149 Datasheet HTML 27Page - STMicroelectronics AN4149 Datasheet HTML 28Page - STMicroelectronics AN4149 Datasheet HTML 29Page - STMicroelectronics AN4149 Datasheet HTML 30Page - STMicroelectronics AN4149 Datasheet HTML 31Page - STMicroelectronics AN4149 Datasheet HTML 32Page - STMicroelectronics AN4149 Datasheet HTML 33Page - STMicroelectronics AN4149 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
FOT PFC boost control loop
AN4149
30/43
DocID023523 Rev 2
diode, 20 mA rated, will be activated in order to clamp the voltage. Please remember that
during normal operation the internal Zener will not have to clamp the voltage, because in
that case the power consumption of the device will increase considerably and its junction
temperature will also increase. The recommended operating condition for safe operation of
the device is below the minimum clamping voltage of the pin.
4
FOT PFC boost control loop
In order to find a compensation network ensuring stability over a large variety of operating
conditions and to prevent dangerous oscillations of the output voltage as a result of load
changes, it is necessary to have a correct understanding of the control loop of FOT PFC
systems.
The loop gain of PFC pre-regulators must have a very low crossover frequency (fc) so as to
keep VCOMP (error amplifier output) fairly constant over a given line cycle, filtering twice the
line frequency ripple on the output of the error amplifier, in order to ensure low THD (total
harmonic distortion). As a rule of thumb, fc should not exceed 20 Hz.
The small signal model of a PFC stage with a constant power load (the regulated DC-DC
converter) can be represented as a controlled current source delivering power to the output
capacitor.
Figure 15. Small signal model of a PFC stage with a constant-power load (DC-DC
converter)
The current generator:
is controlled by the small-signal AC control voltage:
and the system acts as a pure integrator and the resulting control-to-output transfer function
is:
Equation 85
AM13315v1
Co
Io
Vo
o
ˆi
c
ˆv
oo
c
ˆvG
G( j )
ˆvj
ω
ω
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com