Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4149 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4149
Description  Designing a CCM PFC pre-regulator based on the L4984D
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4149 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4149 Datasheet HTML 12Page - STMicroelectronics AN4149 Datasheet HTML 13Page - STMicroelectronics AN4149 Datasheet HTML 14Page - STMicroelectronics AN4149 Datasheet HTML 15Page - STMicroelectronics AN4149 Datasheet HTML 16Page - STMicroelectronics AN4149 Datasheet HTML 17Page - STMicroelectronics AN4149 Datasheet HTML 18Page - STMicroelectronics AN4149 Datasheet HTML 19Page - STMicroelectronics AN4149 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
Designing a CCM FOT-controlled PFC
AN4149
16/43
DocID023523 Rev 2
Equation 41
Reading the ESR value of the datasheet of the output capacitor chosen, the power losses
associated to this ripple current can be easily calculated by:
Equation 42
If the PFC stage has to guarantee a specified hold-up time, the calculation of the output
capacitor is different. The value of the capacitor when the line voltage drops out, needed to
deliver the output power for a certain time (tHold) until the output voltage reaches the
required minimum voltage value (Voutmin), depends on the load and the value of the ripple.
When Voutmin is reached, a 'power fail' is detected, stopping the downstream system
supplied by the PFC. The worst case for the hold-up time is at minimum input voltage and
full load, with the line drop starting at the valley of the sine-varying ripple of the output
voltage.
Equation 43
Considering a 20% tolerance on the electrolytic capacitors, a value of 200
μF has been
chosen, using two capacitors of commercial value of 100
μF placed in parallel. The actual
hold-up time and ripple voltage with the selected value are:
Actual hold-up time:
Equation 44
Peak-to-peak output voltage ripple:
Equation 45
2.3.4
Boost inductor
As indicated in the specs in Section 2.1: Input specification, the maximum current ripple
factor Kr , that is the ratio of the maximum peak-to-peak current ripple amplitude to the
out
rms
Crms
I
ID
I
2
2
−
=
A
A
A
I
Crms
04
.
2
)
87
.
0
(
)
22
.
2
(
2
2
=
−
=
ESR
I
P
Crms
Crms
⋅
=
2
2
min
2
2
2
out
out
out
Hold
out
o
V
V
V
t
P
C
−
Δ
−
⋅
⋅
=
() (
)
F
V
V
V
ms
W
C
o
μ
169
300
10
400
15
350
2
2
2
=
−
−
⋅
⋅
=
out
out
out
out
o
Hold
P
V
V
V
C
t
⋅
−
Δ
−
⋅
=
2
2
2
min
2
() (
)
[]
ms
W
V
V
V
F
t
Hold
18
350
2
300
10
400
200
2
2
=
⋅
−
−
⋅
=
μ
o
l
out
out
C
f
I
V
⋅
⋅
⋅
=
Δ
π
2
V
F
Hz
A
V
out
81
.
14
200
47
2
87
.
0
=
⋅
⋅
⋅
=
Δ
μ
π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com