Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4149 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4149
Description  Designing a CCM PFC pre-regulator based on the L4984D
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4149 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4149 Datasheet HTML 14Page - STMicroelectronics AN4149 Datasheet HTML 15Page - STMicroelectronics AN4149 Datasheet HTML 16Page - STMicroelectronics AN4149 Datasheet HTML 17Page - STMicroelectronics AN4149 Datasheet HTML 18Page - STMicroelectronics AN4149 Datasheet HTML 19Page - STMicroelectronics AN4149 Datasheet HTML 20Page - STMicroelectronics AN4149 Datasheet HTML 21Page - STMicroelectronics AN4149 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
Designing a CCM FOT-controlled PFC
AN4149
18/43
DocID023523 Rev 2
The switching frequency chosen for this design is around 70 kHz, so the capacitor on the
TIMER pin needed to obtain the desired frequency is (equation 47):
Equation 49
A commercial value of 680 pF has been selected. An NP0 capacitor has to be used.
Now TOFF can be finally calculated. Along a line half-cycle, TOFF varies from nearly zero to
the maximum value, occurring at the MULT peak voltage. To calculate the boost inductor the
value at the MULT peak should be considered, found simply from the product of the
maximum required divider ratio kp and the peak of the rectified input voltage at low mains
voltage (Vpkmin).
The maximum OFF-time at VACmin is then:
Equation 50
The value of the inductance L required for the boost inductor at VACmin can now be
calculated with equation 46.
Equation 51
The value chosen for the inductor is 700
μH.
2.3.5
Power MOSFET selection and power dissipation calculation
The selection of the MOSFET concerns mainly RDS(on), that should be low in order to
minimize conduction losses, without increasing the switching losses due to the MOSFET 's
equivalent output capacitance Coss. To achieve high efficiency both RDS(on) and Coss have
to be taken into account, and the trade-off between cost vs. performance must also be
considered.
The MOSFET breakdown voltage is needed, considering the PFC nominal output voltage
and adding some margin (20%) to guarantee reliable operation. Therefore, a minimum
voltage rating of 500 V (1.2 · Vout = 480 V) is selected.
In this 350 W CCM PFC application, two STF21N65M5 (placed in parallel) have been
chosen, to improve robustness against surges and burst tests, and 650 V MOSFETs have
been chosen, having a good balance between RDSon and Coss. In order to calculate the
contribution of the MOSFETs to the total efficiency of the system, the power losses have
been calculated, which are mainly the sum of the conduction, switching and capacitive
losses.
pF
kH z
V
A
C
T
695
70
40 0
10
8
156
3
=
⋅
⋅
⋅
=
−
μ
s
V
A
pF
V
T
AC
OFF
μ
μ
4
.
4
90
2
10
8
156
680
)
(
3
min
=
⋅
⋅
⋅
⋅
=
−
)
(
)
(
2
)
(
min
min
min
min
AC
OFF
AC
pk
AC
out
V
T
V
IL
V
V
VAC
L
⋅
Δ
⋅
−
=
H
s
A
V
V
VAC
L
μ
μ
654
4
.
4
85
.
1
90
2
400
)
(
min
=
⋅
⋅
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com