Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4149 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4149
Description  Designing a CCM PFC pre-regulator based on the L4984D
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4149 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4149 Datasheet HTML 19Page - STMicroelectronics AN4149 Datasheet HTML 20Page - STMicroelectronics AN4149 Datasheet HTML 21Page - STMicroelectronics AN4149 Datasheet HTML 22Page - STMicroelectronics AN4149 Datasheet HTML 23Page - STMicroelectronics AN4149 Datasheet HTML 24Page - STMicroelectronics AN4149 Datasheet HTML 25Page - STMicroelectronics AN4149 Datasheet HTML 26Page - STMicroelectronics AN4149 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
DocID023523 Rev 2
23/43
AN4149
Designing a CCM FOT-controlled PFC
If a single heatsink for the MOSFETs and diode is used, the maximum total losses of the
switches should be considered:
Equation 67
From this number and the given maximum ambient temperature, the total maximum thermal
resistance required can be found as:
Equation 68
In this design in order to keep the junction MOSFET temperature below 100 °C (around
90 °C measured on the package) and to ensure a higher degree of reliability, the thermal
resistance has been chosen equal to:
Equation 69
W
W
W
W
P
V
P
V
P
P
rr
diode
loss
switch
56
.
9
24
.
2
48
.
1
84
.
5
)
90
(
)
90
(
=
+
+
=
+
+
=
switch
ambx
th
P
T
C
R
°
=
125
W
C
W
C
C
R
th
°
=
°
°
=
85
.
7
56
.
9
50
125
W
C
W
C
C
R
th
°
=
°
°
=
23
.
5
57
.
9
50
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com