Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4149 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4149
Description  Designing a CCM PFC pre-regulator based on the L4984D
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4149 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4149 Datasheet HTML 13Page - STMicroelectronics AN4149 Datasheet HTML 14Page - STMicroelectronics AN4149 Datasheet HTML 15Page - STMicroelectronics AN4149 Datasheet HTML 16Page - STMicroelectronics AN4149 Datasheet HTML 17Page - STMicroelectronics AN4149 Datasheet HTML 18Page - STMicroelectronics AN4149 Datasheet HTML 19Page - STMicroelectronics AN4149 Datasheet HTML 20Page - STMicroelectronics AN4149 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
DocID023523 Rev 2
17/43
AN4149
Designing a CCM FOT-controlled PFC
inductor peak current at minimum line voltage and rated load, is 27%, as a trade-off
between the inductor size and the stress on the switches.
This choice led to the inductor peak-to-peak ripple current (ILPK) equal to 1.89 A (equation
32).
The value of the inductance L required for the boost inductor can be calculated starting from
the volt-second balance of the inductor. The minimum value of L is then a function of the
duration of the OFF-time, the voltage across the inductor during TOFF, and the inductor
peak-to-peak ripple current.
Equation 46
The latter expression should be calculated at low line and the value found is the minimum
inductance value of the PFC inductor. To find the value of L, first TOFF needs to be
calculated.
In a fixed-off-time control using the L4984D, the off-time (TOFF) is changed proportionally to
the instantaneous line voltage in order to make the switching frequency (fSW) constant. The
switching frequency is determined by a capacitor connected between the TIMER pin and
ground, charged by an accurate internal generator (ITIMER) of 156 μA (typ.), during the OFF-
time, generating a voltage ramp.
When the voltage ramp equals the voltage on the MULT pin, connected through a resistive
divider to the rectified mains to get a sinusoidal voltage reference, the OFF-time of the
power MOSFET is terminated, the gate driver (GD) pin is driven high and the ramp resets at
zero. The timing capacitor CT is then selected with the following formula:
Equation 47
where fsw is the switching frequency and kp the maximum required divider ratio, calculated
considering the maximum value of the multiplier input, that is, the voltage measured on the
MULT pin at maximum mains voltage. According to the datasheet of the L4984D, the linear
operating range is between 0 to 3 V, so the maximum value of the multiplier input
(VMULTmax) is equal to 3 V.
The maximum required divider ratio kp can be now found as:
Equation 48
)
(
)
(
2
AC
OFF
AC
pk
AC
out
V
T
V
IL
V
V
L
⋅
Δ
⋅
−
=
SW
out
p
TIM ER
T
f
V
k
I
C
⋅
⋅
=
3
max
max
10
8
265
2
00
.
3
2
−
⋅
=
⋅
=
⋅
=
Vac
V
VA C
V
k
MULT
p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com