Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4149 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN4149
Description  Designing a CCM PFC pre-regulator based on the L4984D
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4149 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN4149 Datasheet HTML 30Page - STMicroelectronics AN4149 Datasheet HTML 31Page - STMicroelectronics AN4149 Datasheet HTML 32Page - STMicroelectronics AN4149 Datasheet HTML 33Page - STMicroelectronics AN4149 Datasheet HTML 34Page - STMicroelectronics AN4149 Datasheet HTML 35Page - STMicroelectronics AN4149 Datasheet HTML 36Page - STMicroelectronics AN4149 Datasheet HTML 37Page - STMicroelectronics AN4149 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
FOT PFC boost control loop
AN4149
34/43
DocID023523 Rev 2
Equation 96
Equation 97
Then the values of the components can be calculated as follows.
Feedback parallel capacitor:
Equation 98
A value of 22 nF has been selected for the parallel feedback capacitor.
Feedback series capacitor:
Equation 99
A value of 220 nF has been selected for the series feedback capacitor.
Feedback series resistor:
Equation 100
A value of 330 k
Ω has been selected for the series feedback resistor.
The gain and the phase of the transfer function of the type II amplifier are represented in the
bode plots in Figure 19.
Figure 18. Bode plots of a type II amplifier's transfer function
K
H
G
z
o
o ⋅
⋅
=
π
2
1
Hz
z
2
.
2
732
.
3
763
.
0
7
.
955
2
1
=
⋅
⋅
=
π
K
H
G
K
p
o
o
⋅
⋅
⋅
=
π
2
Hz
p
9
.
30
732
.
3
763
.
0
7
.
955
2
732
.
3
=
⋅
⋅
⋅
=
π
p
z
R
H
C
out H
o
⋅
⋅
=
1
1
nF
Hz
Hz
M
C
1
.
14
9
.
30
2
.
2
6
.
6
763
.
0
1
1
=
⋅
Ω
⋅
=
−
⋅
=
z
z
p
C
C
1
2
nF
Hz
Hz
Hz
nF
C
287
2
.
2
2
.
2
9
.
30
22
2
=
−
⋅
=
2
2
2
1
C
z
R
⋅
⋅
=
π
Ω
=
⋅
⋅
=
k
nF
Hz
R
8
.
328
220
2
.
2
2
1
2
π
AM13318v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com