Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4149 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN4149
Description  Designing a CCM PFC pre-regulator based on the L4984D
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4149 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN4149 Datasheet HTML 32Page - STMicroelectronics AN4149 Datasheet HTML 33Page - STMicroelectronics AN4149 Datasheet HTML 34Page - STMicroelectronics AN4149 Datasheet HTML 35Page - STMicroelectronics AN4149 Datasheet HTML 36Page - STMicroelectronics AN4149 Datasheet HTML 37Page - STMicroelectronics AN4149 Datasheet HTML 38Page - STMicroelectronics AN4149 Datasheet HTML 39Page - STMicroelectronics AN4149 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
FOT PFC boost control loop
AN4149
36/43
DocID023523 Rev 2
Equation 104
From equation 90 and equation 104 the actual 3rd harmonic distortion can be found:
Equation 105
The comparison between Figure 20 and Figure 21 shows the practical difference between
two different configurations of compensation network. In the first case, where the series
resistor R2 is such to move the "phase boost" far from the crossover frequency, the phase
margin is very low (around 22 °) then the system is underdamped, experiencing large
overshoots and ringings. In the second case where the phase margin is around 56 ° the
response of the system to the load variation is fast and without ringing, thus with limited
deviations.
Figure 20. 115 Vac step load (50 % to 100
%): improper compensation
Figure 21. 115 Vac step load (50 % to 100
%): good compensation
() 011
.
0
4
min
_
2
=
⋅
⋅
=
LINE
fL
f
H
H
π
253
.
1
2
100
3
2
=
⋅
−
Δ
⋅
=
ref
COMP
out
fL
V
V
V
H
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com