Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4149 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4149
Description  Designing a CCM PFC pre-regulator based on the L4984D
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4149 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4149 Datasheet HTML 8Page - STMicroelectronics AN4149 Datasheet HTML 9Page - STMicroelectronics AN4149 Datasheet HTML 10Page - STMicroelectronics AN4149 Datasheet HTML 11Page - STMicroelectronics AN4149 Datasheet HTML 12Page - STMicroelectronics AN4149 Datasheet HTML 13Page - STMicroelectronics AN4149 Datasheet HTML 14Page - STMicroelectronics AN4149 Datasheet HTML 15Page - STMicroelectronics AN4149 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
Designing a CCM FOT-controlled PFC
AN4149
12/43
DocID023523 Rev 2
The design will be done on the basis of a maximum admitted ripple factor Kr , that is the ratio
of the maximum peak-to-peak current ripple amplitude to the inductor peak current, at
minimum line voltage and rated load. In the continuous conduction mode converters, the
acceptable current ripple factor is typically fixed in a range between 20% and 35%. Low
values for the Kr keep the peak-to-peak ripple current and the input current distortion low,
but lead to larger inductor physical size. Choosing higher values for Kr , the inductor size
can be smaller, but the input current distortion is increased. For this design, the maximum
specified current ripple factor is chosen equal to 27%, as a trade-off between the inductor
size and the input current distortion.
Ripple factor:
Equation 24
In order to properly select the power components of the PFC and size the heat sinks, the
maximum operating ambient temperature around the PFC circuitry must be known. Please
note that this is not the maximum external operating temperature of the entire equipment,
but it is the local temperature at which the PFC components are working. The power
dissipation leading to a temperature rise combined with the ambient temperature must not
result in any temperature exceeding the operating temperature rating of the components.
Maximum ambient temperature ( °C):
Equation 25
2.2
Operating conditions
The first step is to define the main parameters of the circuit, using the specifications given in
Section 2.1.
Rated DC output current:
Equation 26
Maximum input power:
Equation 27
27
.
0
=
r
K
C
T
ambx
°
= 50
out
out
out
V
P
I
=
A
V
W
I
ou t
875
.
0
400
350
=
=
η
out
in
P
P
=
W
W
P
in
4
.
380
100
92
350
=
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com