Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4149 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4149
Description  Designing a CCM PFC pre-regulator based on the L4984D
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4149 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4149 Datasheet HTML 18Page - STMicroelectronics AN4149 Datasheet HTML 19Page - STMicroelectronics AN4149 Datasheet HTML 20Page - STMicroelectronics AN4149 Datasheet HTML 21Page - STMicroelectronics AN4149 Datasheet HTML 22Page - STMicroelectronics AN4149 Datasheet HTML 23Page - STMicroelectronics AN4149 Datasheet HTML 24Page - STMicroelectronics AN4149 Datasheet HTML 25Page - STMicroelectronics AN4149 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
Designing a CCM FOT-controlled PFC
AN4149
22/43
DocID023523 Rev 2
2.3.6
Boost diode selection
Following criteria similar to those used for the calculation of the MOSFET losses, the output
rectifier can be properly selected. A minimum breakdown voltage of 1.2·(Vout) and a
minimum current rating higher than 5·Iout (equation 26) can be considered for an initial
rough selection of the rectifier. The correct selection is then confirmed by the thermal
calculation, as the diode junction temperature must be below 125 °C.
Since this circuit operates in the continuous current mode, reverse recovery is experienced
by the diode, and the MOSFET at turn-on has to carry also the boost diode minority carrier
charge. Then, to minimize the recovery losses, an ultra-fast diode with low trr (reverse
recovery time, the time required to deplete the stored charge) and Qrr (reverse recovery
charges, the charge that must be dissipated on the MOSFET) or a SiC rectifier has to be
selected.
In this 350 W application the STTH8S06 (600 V, 8 A) has been selected and shows very fast
reverse recovery time, 12 ns typical (measured for IF =1 A). The rectifier AVG (equation 26)
and RMS (equation 33) current values, the Vth (rectifier threshold voltage) and Rd (dynamic
resistance) given in the datasheet allow calculating the rectifier losses.
From the STTH8S06 datasheet, Vth is 1.2 V, and Rd is 0.087 Ω, the conduction losses are
equal to:
Equation 63
Since the converter is working in continuous conduction mode the losses in the MOSFETs
due to the recovery of the boost diode have to be taken into account. The energy loss due to
the reverse recovery effect of the diode is:
Equation 64
Where VR is the reverse voltage across the output diode, when it stops conducting, that is
400 V, and Qrr the reverse recovery charges, the charge that must be dissipated through the
MOSFET. On the datasheet the graph of Qrr vs. dIF/dt is represented. Following the
0.5 xIF(AV) curve at Tj = 125 °C a value of 80 nC is found assuming the typical case of
200 A/us.
Then the recovery energy is:
Equation 65
And the reverse recovery losses are:
Equation 66
rms
d
out
th
diode
ID
R
I
V
P
2
⋅
+
⋅
=
()
W
A
A
V
P
diode
48
.
1
22
.
2
087
.
0
87
.
0
2
.
1
2
=
⋅
Ω
+
⋅
=
rr
R
rr
Q
V
E
⋅
=
J
nC
V
E
rr
μ
32
80
400
=
⋅
=
W
kH z
J
f
E
P
sw
rr
rr
24
.
2
70
32
=
⋅
=
⋅
=
μ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com