Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4149 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4149
Description  Designing a CCM PFC pre-regulator based on the L4984D
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4149 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4149 Datasheet HTML 7Page - STMicroelectronics AN4149 Datasheet HTML 8Page - STMicroelectronics AN4149 Datasheet HTML 9Page - STMicroelectronics AN4149 Datasheet HTML 10Page - STMicroelectronics AN4149 Datasheet HTML 11Page - STMicroelectronics AN4149 Datasheet HTML 12Page - STMicroelectronics AN4149 Datasheet HTML 13Page - STMicroelectronics AN4149 Datasheet HTML 14Page - STMicroelectronics AN4149 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
DocID023523 Rev 2
11/43
AN4149
Designing a CCM FOT-controlled PFC
Expected power factor:
Equation 19
Because of the narrow loop voltage bandwidth of the E/A to reject the ripple at twice the line
frequency on the E/A output, the PFC output may experience overvoltage at startup or
during load transients. In order to protect the controller from excessive output voltage that
can overstress the output components and the load, in the L4984D a pin (PFC_OK, pin #6)
has been dedicated to monitor the output voltage with a separate resistor divider. The
divider is selected so that the voltage at the pin reaches 2.5 V if the output voltage exceeds
a preset value (VOVP) larger than the maximum Vout that can be expected, also including
worst-case load/line transients.
Maximum output voltage (Vdc):
Equation 20
The output voltage has a ripple Vout at twice the line frequency (2fL), and whose amplitude is
proportional to the load and depends on the impedance of the output capacitor. The ripple
amplitude determines the AC current flowing into the output capacitor and the ESR. The
value of the maximum output voltage ripple accepted should be below a certain level to
keep the output voltage far from the VOVP limit during normal operating conditions, to
increase hold-up time, and to reduce the AC losses on the output capacitor. The peak-to-
peak voltage ripple Vout is usually selected in the range between 2-8% of the output voltage.
Here a ratio of 5% is chosen for the output voltage ripple, that is 20 V.
Maximum output low frequency ripple (peak-to-peak):
Equation 21
The desired ripple on the output voltage is not the only parameter used to select the bulk
capacitor. The hold-up time, if requested, should also be taken into account. The hold-up
time is defined as the duration of time that a power supply's output will remain above a
minimum level in case of mains dips.
The hold-up time (t
Hold) is measured from the time when the line voltage disappears to the
time when the output voltage reaches the required minimum voltage value (Voutmin). A hold-
up time of 10-20 ms is often required for today’s offline power supplies. Values of 300 V and
15 ms for the minimum output voltage after line drop and hold-up time, respectively, are
chosen here:
Minimum output voltage after line drop (Vdc):
Equation 22
Hold-up time (ms):
Equation 23
99
.
0
=
PF
V
V
OVP
430
=
V
V
out
20
=
Δ
V
V
out
300
min
=
ms
t
Ho l d
15
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com