Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4149 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4149
Description  Designing a CCM PFC pre-regulator based on the L4984D
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4149 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4149 Datasheet HTML 21Page - STMicroelectronics AN4149 Datasheet HTML 22Page - STMicroelectronics AN4149 Datasheet HTML 23Page - STMicroelectronics AN4149 Datasheet HTML 24Page - STMicroelectronics AN4149 Datasheet HTML 25Page - STMicroelectronics AN4149 Datasheet HTML 26Page - STMicroelectronics AN4149 Datasheet HTML 27Page - STMicroelectronics AN4149 Datasheet HTML 28Page - STMicroelectronics AN4149 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
DocID023523 Rev 2
25/43
AN4149
L4984D biasing circuitry
Equation 73
By selecting a commercial value of 56 k
Ω:
Equation 74
Three resistors 3.3 M
Ω in series provide the calculated value for the PFC_OK high resistor.
Notice that both feedback dividers connected to the L4984D pin #1 (INV) and pin #6
(PFC_OK) can be selected without any constraints. The unique criterion is that both dividers
have to sink a current from an output bus which needs to be significantly higher than the
current biasing the error amplifier and the PFC_OK comparator. The OVP function handles
"normal" overvoltage conditions, i.e. those resulting from an abrupt load/line change or
occurring at startup. In case the overvoltage is generated by a feedback failure, for instance
when the upper resistor of the output divider (R1) fails open, eventually the error amplifier
output (COMP) will saturate high and the voltage on its inverting input (INV) will drop from its
steady-sate value (2.5 V).
An additional comparator monitors the voltage on pin INV, comparing it against a reference
located at 1.66 V. When the voltage on pin PFC_OK exceeds 2.5 V and, simultaneously, the
voltage on pin INV falls below 1.66 V, the FFD function is triggered: the gate drive activity is
immediately stopped, the device is shut down and its quiescent consumption reduced. This
condition is latched and in order to restart the L4984D it is necessary to recycle the input
power, so that the Vcc voltage falls below 6 V (VCCrestart).
The pin PFC_OK doubles its function as a non-latched IC disable: a voltage below 0.23 V
shuts down the L4984D, reducing its consumption below 2.2 mA. To restart simply let the
voltage on the pin rise above 0.27 V. Note that these functions offer complete protection
against not only feedback loop failures or erroneous settings, but also against a failure of
the protection itself. Either resistor of the PFC_OK divider failing short or open or a pin
PFC_OK floating will result in shutting down the L4984D and stopping the pre-regulator.
divider
OK
PFC
REF
L
I
V
R
_
_
=
Ω
=
=
k
A
V
R
L
50
50
5
.
2
μ
−
⋅
=
1
_
_
_
OK
PFC
REF
MAX
OUT
L
H
V
V
R
R
Ω
=
−
⋅
Ω
=
M
V
V
k
R
H
623
.
9
1
5
.
2
430
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com