Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4149 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN4149
Description  Designing a CCM PFC pre-regulator based on the L4984D
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4149 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN4149 Datasheet HTML 35Page - STMicroelectronics AN4149 Datasheet HTML 36Page - STMicroelectronics AN4149 Datasheet HTML 37Page - STMicroelectronics AN4149 Datasheet HTML 38Page - STMicroelectronics AN4149 Datasheet HTML 39Page - STMicroelectronics AN4149 Datasheet HTML 40Page - STMicroelectronics AN4149 Datasheet HTML 41Page - STMicroelectronics AN4149 Datasheet HTML 42Page - STMicroelectronics AN4149 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
Design example using the L4984D-CCM PFC excel spreadsheet
AN4149
40/43
DocID023523 Rev 2
The bill of material for Figure 25: CCM PFC schematic based on the L4984D is
automatically compiled by the excel spreadsheet. It summarizes all selected components
and some pertinent data.
Figure 26. Excel spreadsheet BOM
350
W FOT PFC BASED ON L4984D
BILL OF MATERIAL
Selected
Value
Unit
[ ]
BRIDGE RECTIFIER
D15XB60
MOSFET P/N
2 x STF21N65M5
DIODE P/N
STTH8S06
Inductor
L
700
μH
Max peak Inductor current
Ilpkx
7.91
A
Pin 4 – CS Sense resistor
Rsx
0.11
Ω
Power dissipation
Ps
1.53
W
INPUT Capacitor
Cin
1
μF
OUTPUT Capacitor
Cout
330
μF
Pin 3 - MULT Divider
Rmult L
100
k
Ω
Rmult H
12500
k
Ω
Pin 7 - TIMER capacitor
CT
680
pF
Switching frequency
fs
72.26
kHz
Pin 1 - Feedback Divider
RoutH
6600
k
Ω
RoutL
41.5
k
Ω
Pin 6 - Output divider for
PFC_OK
RH
9900
k
Ω
Pin 1,2 - Compensation
Network
22
nF
220
nF
RcompS
390
k
Ω
Voltage Feedforward
1000
nF
RFF
1000
k
Ω
IC Controller
L4984D
RL
56
k
Ω
CcompS
CcompP
CFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com