Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0352 Datasheet(PDF) 102 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 98Page - STMicroelectronics RM0352 Datasheet HTML 99Page - STMicroelectronics RM0352 Datasheet HTML 100Page - STMicroelectronics RM0352 Datasheet HTML 101Page - STMicroelectronics RM0352 Datasheet HTML 102Page - STMicroelectronics RM0352 Datasheet HTML 103Page - STMicroelectronics RM0352 Datasheet HTML 104Page - STMicroelectronics RM0352 Datasheet HTML 105Page - STMicroelectronics RM0352 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 138 page
background image
SPI (serial peripheral interface)
RM0352
102/138
DocID024647 Rev 1
11.4
SPI register descriptions
This section describes the PrimeCell SSP registers.
Table 96 provides cross references to
individual registers.
11.4.1
Control register 0, SSPCR0
The SSPCR0 register characteristics are:
Purpose
The SSPCR0 is a control register 0 and contains five bit fields that
control various functions within the PrimeCell SSP.
Usage constraints
There are no usage constraints.
Configurations
Available in all SSP configurations.
Attributes
See
Table 97.
SSP base + 0xFE8
SSPPeriphID2
RO
0x24
8
SSP base + 0xFEC
SSPPeriphID3
RO
0x00
8
SSP base + 0xFF0
SSPPCellID0
RO
0x0D
8
PrimeCell identification registers,
SSPPCellID0-3 - see
Section 11.4.11 on
page 111
SSP base + 0xFF4
SSPPCellID1
RO
0xF0
8
SSP base + 0xFF8
SSPPCellID2
RO
0x05
8
SSP base + 0xFFC
SSPPCellID3
RO
0xB1
8
Table 96. PrimeCell SSP register summary (continued)
Offset
Name
Type
Reset
Width
Description
Table 97. SSPCR0 register bit assignments
Bits
Name
Function
[15:8]
SCR
Serial clock rate.
The value SCR is used to generate the transmit and receive bit rate of the PrimeCell SSP. The
bit rate is:
F
SSPCLK
/ (CPSDVR x (1 + SCR))
where
CPSDVR is an even value from 2 to 254, programmed through the SSPCPSR register
and
SCR is a value from 0 to 255.
[7]
SPH
SSPCLKOUT phase, applicable to Motorola SPI frame format only.
[6]
SPO
SSPCLKOUT polarity, applicable to Motorola SPI frame format only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com