Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0352 Datasheet(PDF) 105 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 101Page - STMicroelectronics RM0352 Datasheet HTML 102Page - STMicroelectronics RM0352 Datasheet HTML 103Page - STMicroelectronics RM0352 Datasheet HTML 104Page - STMicroelectronics RM0352 Datasheet HTML 105Page - STMicroelectronics RM0352 Datasheet HTML 106Page - STMicroelectronics RM0352 Datasheet HTML 107Page - STMicroelectronics RM0352 Datasheet HTML 108Page - STMicroelectronics RM0352 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 138 page
background image
DocID024647 Rev 1
105/138
RM0352
SPI (serial peripheral interface)
137
When the SSPDR is written to, the entry in the transmit FIFO, pointed
to by the write pointer, is written to. Data values are removed from the
transmit FIFO one value at a time by the transmit logic. It is loaded into
the transmit serial shifter, then serially shifted out onto the
SSPTXD
pin at the programmed bit rate.
When a data size of less than 16 bits is selected, the user must right-
justify data written to the transmit FIFO. The transmit logic ignores the
unused bits. Received data less than 16 bits is automatically right-
justified in the receive buffer.
Usage constraints There are no usage constraints.
Configurations
Available in all SSP configurations.
Attributes
See
Table 96 on page 101.
Table 99 shows the bit assignments.
11.4.4
Status register, SSPSR
The SSPSR register characteristics are:
Purpose
The SSPSR is an RO status register that contains bits that indicate
the FIFO fill status and the PrimeCell SSP busy status.
Usage constraints
There are no usage constraints.
Configurations
Available in all SSP configurations.
Attributes
See
Table 96 on page 101.
Table 99. SSPDR register bit assignments
Bits
Name
Function
[15:0]
DATA
Transmit/receive FIFO:
Read:
receive FIFO.
Write:
transmit FIFO.
You must right-justify data when the PrimeCell SSP is programmed for a data size that is less
than 16 bits. Unused bits at the top are ignored by transmit logic. The receive logic
automatically right-justifies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com