Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0352 Datasheet(PDF) 106 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 102Page - STMicroelectronics RM0352 Datasheet HTML 103Page - STMicroelectronics RM0352 Datasheet HTML 104Page - STMicroelectronics RM0352 Datasheet HTML 105Page - STMicroelectronics RM0352 Datasheet HTML 106Page - STMicroelectronics RM0352 Datasheet HTML 107Page - STMicroelectronics RM0352 Datasheet HTML 108Page - STMicroelectronics RM0352 Datasheet HTML 109Page - STMicroelectronics RM0352 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 138 page
background image
SPI (serial peripheral interface)
RM0352
106/138
DocID024647 Rev 1
Table 100 shows the bit assignments.
11.4.5
Clock prescale register, SSPCPSR
The SSPCPSR register characteristics are:
Purpose
The SSPCPSR is the clock prescale register and specifies the
division factor by which the input SSPCLK must be internally divided
before further use.
The value programmed into this register must be an even number
between 2 - 254. The least significant bit of the programmed number
is hard-coded to zero. If an odd number is written to this register,
data read back from this register has the least significant bit as zero.
Usage constraints
There are no usage constraints.
Configurations
Available in all SSP configurations.
Attributes
See
Table 96 on page 101.
Table 100. SSPSR register bit assignments
Bits
Name
Function
[15:5]
-
RESERVED, read unpredictable, should be written as 0.
[4]
BSY
PrimeCell SSP busy flag, RO:
0:
SSP is idle.
1:
SSP is currently transmitting and/or receiving a frame or the transmit FIFO is not empty.
[3]
RFF
Receive FIFO full, RO:
0:
receive FIFO is not full.
1:
receive FIFO is full.
[2]
RNE
Receive FIFO not empty, RO:
0:
receive FIFO is empty.
1:
receive FIFO is not empty.
[1]
TNF
Transmit FIFO not full, RO:
0:
transmit FIFO is full.
1:
transmit FIFO is not full.
[0]
TFE
Transmit FIFO empty, RO:
0:
transmit FIFO is not empty.
1:
transmit FIFO is empty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com