Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0352 Datasheet(PDF) 109 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 105Page - STMicroelectronics RM0352 Datasheet HTML 106Page - STMicroelectronics RM0352 Datasheet HTML 107Page - STMicroelectronics RM0352 Datasheet HTML 108Page - STMicroelectronics RM0352 Datasheet HTML 109Page - STMicroelectronics RM0352 Datasheet HTML 110Page - STMicroelectronics RM0352 Datasheet HTML 111Page - STMicroelectronics RM0352 Datasheet HTML 112Page - STMicroelectronics RM0352 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 138 page
background image
DocID024647 Rev 1
109/138
RM0352
SPI (serial peripheral interface)
137
11.4.9
Interrupt clear register, SSPICR
The SSPICR register characteristics are:
Purpose
The SSPICR register is the interrupt clear register and is write-only.
On a write of 1, the corresponding interrupt is cleared. A write of 0
has no effect.
Usage constraints
There are no usage constraints.
Configurations
Available in all SSP configurations.
Attributes
See
Table 96 on page 101.
Table 105 shows the bit assignment.
11.4.10
Peripheral identification registers, SSPPeriphID0-3
The SSPPeriphID0-3 registers characteristics are:
Note:
When you design a system memory map, you must remember that the register has a 4 KB-
memory footprint. All memory accesses to the peripheral identification registers must be
32-bit, using the LDR and STR instructions.
Table 105. SSPICR register bit assignments
Bits
Name
Function
[15:2]
RESERVED
RESERVED, read as zero, do not modify
[1]
RTIC
Clears the SSPRTINTR interrupt
[0]
RORIC
Clears the SSPRORINTR interrupt
Purpose
The SSPPeriphID0-3 registers are four 8-bit registers, that span
address locations 0xFE0 to 0xFEC. The registers can conceptually
be treated as a single 32-bit register. The RO registers provide the
following options for the peripheral:
PartNumber[11:0]
This is used to identify the peripheral. The three digits product code
0x022 is used.
Designer ID[19:12]
This is the identification of the designer. ARM Ltd is 0x41, ASCII A.
Revision[23:20]
This is the revision number of the peripheral. The number starts
from 0 and is revision dependent.
Configuration[31:24]
This is the configuration option of the peripheral. The configuration
value is 0.
Usage constraints
There are no usage constraints.
Configurations
Available in all SSP configurations.
Attributes
See
Table 96 on page 101.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com