Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0352 Datasheet(PDF) 108 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 104Page - STMicroelectronics RM0352 Datasheet HTML 105Page - STMicroelectronics RM0352 Datasheet HTML 106Page - STMicroelectronics RM0352 Datasheet HTML 107Page - STMicroelectronics RM0352 Datasheet HTML 108Page - STMicroelectronics RM0352 Datasheet HTML 109Page - STMicroelectronics RM0352 Datasheet HTML 110Page - STMicroelectronics RM0352 Datasheet HTML 111Page - STMicroelectronics RM0352 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 138 page
background image
SPI (serial peripheral interface)
RM0352
108/138
DocID024647 Rev 1
11.4.7
Raw interrupt status register, SSPRIS
The SSPRIS register characteristics are:
Purpose
The SSPRIS register is the raw interrupt status register. It is an RO
register.
On a read this register gives the current raw status value of the
corresponding interrupt prior to masking. A write has no effect.
Usage constraints
There are no usage constraints.
Configurations
Available in all SSP configurations.
Attributes
See
Table 96 on page 101.
Table 103 shows the bit assignments.
11.4.8
Masked interrupt status register, SSPMIS
The SSPMIS register characteristics are:
Purpose
The SSPMIS register is the masked interrupt status register. It is an
RO register. On a read this register gives the current masked status
value of the corresponding interrupt. A write has no effect.
Usage constraints
There are no usage constraints.
Configurations
Available in all SSP configurations.
Attributes
See
Table 96 on page 101.
Table 104 shows the bit assignments.
Table 103. SSPRIS register bit assignments
Bits
Name
Function
[15:4]
RESERVED
RESERVED, read as zero, do not modify
[3]
TXRIS
Gives the raw interrupt state, prior to masking, of the SSPTXINTR interrupt
[2]
RXRIS
Gives the raw interrupt state, prior to masking, of the SSPRXINTR interrupt
[1]
RTRIS
Gives the raw interrupt state, prior to masking, of the SSPRTINTR interrupt
[0]
RORRIS
Gives the raw interrupt state, prior to masking, of the SSPRORINTR interrupt
Table 104. SSPMIS register bit assignments
Bits
Name
Function
[15:4]
RESERVED
RESERVED, read as zero, do not modify
[3]
TXMIS
Gives the transmit FIFO masked interrupt state, after masking, of the SSPTXINTR interrupt
[2]
RXMIS
Gives the receive FIFO masked interrupt state, after masking, of the SSPRXINTR interrupt
[1]
RTMIS
Gives the receive timeout masked interrupt state, after masking, of the SSPRTINTR interrupt
[0]
RORMIS
Gives the receive over run masked interrupt status, after masking, of the SSPRORINTR
interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com