Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0352 Datasheet(PDF) 123 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 119Page - STMicroelectronics RM0352 Datasheet HTML 120Page - STMicroelectronics RM0352 Datasheet HTML 121Page - STMicroelectronics RM0352 Datasheet HTML 122Page - STMicroelectronics RM0352 Datasheet HTML 123Page - STMicroelectronics RM0352 Datasheet HTML 124Page - STMicroelectronics RM0352 Datasheet HTML 125Page - STMicroelectronics RM0352 Datasheet HTML 126Page - STMicroelectronics RM0352 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 138 page
background image
DocID024647 Rev 1
123/138
RM0352
UART (universal asynchronous receive transmit)
137
12.6.4
IrDA low-power counter register, UARTILPR
The UARTILPR register is the IrDA low-power counter register. This is an 8-bit read/write
register that stores the low-power counter divisor value used to generate the
IrLPBaud16
signal by dividing down of
UARTCLK. Table 118 lists the register bit assignments.
5TXFF
Transmit FIFO full. The meaning of this bit depends on the state of the FEN bit in the UARTLCR_H
register.
If the FIFO is disabled, this bit is set when the transmit holding register is full.
If the FIFO is enabled, the TXFF bit is set when the transmit FIFO is full.
4
RXFE
Receive FIFO empty. The meaning of this bit depends on the state of the FEN bit in the
UARTLCR_H register.
If the FIFO is disabled, this bit is set when the receive holding register is empty.
If the FIFO is enabled, the RXFE bit is set when the receive FIFO is empty.
3
BUSY
UART busy. If this bit is set to 1, the UART is busy transmitting data. This bit remains set until the
complete byte, including all the stop bits, has been sent from the shift register.
This bit is set as soon as the transmit FIFO becomes non-empty, regardless of whether the UART is
enabled or not.
2
DCD
Data carrier detect. This bit is the complement of the UART data carrier detect,
nUARTDCD,
modem status input. That is, the bit is 1 when
nUARTDCD is LOW.
1
DSR
Data set ready. This bit is the complement of the UART data set ready,
nUARTDSR, modem status
input. That is, the bit is 1 when
nUARTDSR is LOW.
0
CTS
Clear to send. This bit is the complement of the UART clear to send,
nUARTCTS, modem status
input. That is, the bit is 1 when
nUARTCTS is LOW.
Table 117. UARTFR register (continued)
Bits
Name
Function
Table 118. UARTILPR register
Bits
Name
Function
7:0
ILPDVSR
8-bit low-power divisor value. These bits are cleared to 0 at reset.
(1)
The IrLPBaud16 signal is generated by dividing down the
UARTCLK signal according to the
low-power divisor value written to the UARTILPR register.
The low-power divisor value is calculated as follows:
low-power divisor (ILPDVSR) = (F
UARTCLK
/ F
IrLPBaud16
)
where
FIrLPBaud16 is nominally 1.8432 MHz.
You must select the divisor so that 1.42 MHz <
FIrLPBaud16 < 2.12 MHz, results in a low-
power pulse duration of 1.41 - 2.11 μs (three times the period of
IrLPBaud16)(2).
1.
Zero is an illegal value. Programming a zero value results in no
IrLPBaud16 pulses being generated.
2.
In low-power IrDA mode the UART rejects random noise on the received serial data input by ignoring
SIRIN pulses that are
less than 3 periods of
IrLPBaud16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com