Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0352 Datasheet(PDF) 127 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 127 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 123Page - STMicroelectronics RM0352 Datasheet HTML 124Page - STMicroelectronics RM0352 Datasheet HTML 125Page - STMicroelectronics RM0352 Datasheet HTML 126Page - STMicroelectronics RM0352 Datasheet HTML 127Page - STMicroelectronics RM0352 Datasheet HTML 128Page - STMicroelectronics RM0352 Datasheet HTML 129Page - STMicroelectronics RM0352 Datasheet HTML 130Page - STMicroelectronics RM0352 Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 138 page
background image
DocID024647 Rev 1
127/138
RM0352
UART (universal asynchronous receive transmit)
137
Note:
To update the three registers there are two possible sequences:
•
UARTIBRD write, UARTFBRD write, and UARTLCR_H write
•
UARTFBRD write, UARTIBRD write, and UARTLCR_H write.
To update UARTIBRD or UARTFBRD only:
•
UARTIBRD write, or UARTFBRD write, and UARTLCR_H write.
Table 124 is a truth table for the “Stick Parity Select” (SPS), “Even Parity Select” (EPS), and
“Parity ENable” (PEN) bits of the line control register, UARTLCR_H is in
Section 12.6.7 on
page 126.
Note:
The UARTLCR_H, UARTIBRD, and UARTFBRD registers must not be changed:
•
When the UART is enabled.
•
When completing a transmission or a reception when it has been programmed to
become disabled.
The FIFO integrity is not guaranteed under the following conditions:
•
After the BRK bit has been initiated.
•
If the software disables the UART in the middle of a transmission with data in the FIFO,
and then re-enables it.
12.6.8
Control register, UARTCR
The UARTCR register is the control register. All the bits are cleared to 0 on reset except for
bits 9 and 8 that are set to 1.
Table 125 lists the register bit assignments.
Table 124. Parity truth table
PEN
EPS
SPS
Parity bit (transmitted or checked)
0
x
x
Not transmitted or checked
110
Even parity
1
0
0
Odd parity
101
1
111
0
Table 125. UARTCR register
Bits
Name
Function
15
CTSEn
CTS hardware flow control enable. If this bit is set to 1, CTS hardware flow control is enabled.
Data is only transmitted when the
nUARTCTS signal is asserted.
14
RTSEn
RTS hardware flow control enable. If this bit is set to 1, RTS hardware flow control is enabled.
Data is only requested when there is space in the receive FIFO for it to be received.
13
Out2
This bit is the complement of the UART Out2 (nUARTOut2) modem status output. That is, when
the bit is programmed to 1, the output is 0. For DTE this can be used as “Ring Indicator” (RI).
12
Out1
This bit is the complement of the UART Out1 (nUARTOut1) modem status output. That is, when
the bit is programmed to 1 the output is 0. For DTE this can be used as “Data Carrier Detect”
(DCD).
11
RTS
Request to send. This bit is the complement of the UART request to send,
nUARTRTS, modem
status output. That is, when the bit is programmed to 1 then
nUARTRTS is LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com