Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0352 Datasheet(PDF) 130 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 130 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 126Page - STMicroelectronics RM0352 Datasheet HTML 127Page - STMicroelectronics RM0352 Datasheet HTML 128Page - STMicroelectronics RM0352 Datasheet HTML 129Page - STMicroelectronics RM0352 Datasheet HTML 130Page - STMicroelectronics RM0352 Datasheet HTML 131Page - STMicroelectronics RM0352 Datasheet HTML 132Page - STMicroelectronics RM0352 Datasheet HTML 133Page - STMicroelectronics RM0352 Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 138 page
background image
UART (universal asynchronous receive transmit)
RM0352
130/138
DocID024647 Rev 1
12.6.10
Interrupt mask set/clear register, UARTIMSC
The UARTIMSC register is the interrupt mask set/clear register. It is a read/write register.
On a read this register returns the current value of the mask on the relevant interrupt. On
a write of 1 to the particular bit, it sets the corresponding mask of that interrupt. A write of 0
clears the corresponding mask.
All the bits are cleared to 0 when reset.
Table 127 lists the register bit assignments.
Table 127. UARTIMSC register
Bits
Name
Function
15:11
-
RESERVED, read as zero, do not modify.
10
OEIM
Overrun error interrupt mask. A read returns the current mask for the
UARTOEINTR interrupt.
On a write of 1, the mask of the
UARTOEINTR interrupt is set. A write of 0 clears the mask.
9
BEIM
Break error interrupt mask. A read returns the current mask for the
UARTBEINTR interrupt.
On a write of 1, the mask of the
UARTBEINTR interrupt is set. A write of 0 clears the mask.
8
PEIM
Parity error interrupt mask. A read returns the current mask for the
UARTPEINTR interrupt.
On a write of 1, the mask of the
UARTPEINTR interrupt is set. A write of 0 clears the mask.
7
FEIM
Framing error interrupt mask. A read returns the current mask for the
UARTFEINTR interrupt.
On a write of 1, the mask of the
UARTFEINTR interrupt is set. A write of 0 clears the mask.
6
RTIM
Receive timeout interrupt mask. A read returns the current mask for the
UARTRTINTR
interrupt.
On a write of 1, the mask of the
UARTRTINTR interrupt is set. A write of 0 clears the mask.
5
TXIM
Transmit interrupt mask. A read returns the current mask for the
UARTTXINTR interrupt.
On a write of 1, the mask of the
UARTTXINTR interrupt is set. A write of 0 clears the mask.
4
RXIM
Receive interrupt mask. A read returns the current mask for the
UARTRXINTR interrupt.
On a write of 1, the mask of the
UARTRXINTR interrupt is set. A write of 0 clears the mask.
3DSRMIM
nUARTDSR modem interrupt mask. A read returns the current mask for the UARTDSRINTR
interrupt.
On a write of 1, the mask of the UARTDSRINTR interrupt is set. A write of 0 clears the mask.
2
DCDMIM
nUARTDCD modem interrupt mask. A read returns the current mask for the UARTDCDINTR
interrupt.
On a write of 1, the mask of the
UARTDCDINTR interrupt is set. A write of 0 clears the mask.
1CTSMIM
nUARTCTS modem interrupt mask. A read returns the current mask for the UARTCTSINTR
interrupt.
On a write of 1, the mask of the UARTCTSINTR interrupt is set. A write of 0 clears the mask.
0
RIMIM
nUARTRI modem interrupt mask. A read returns the current mask for the UARTRIINTR
interrupt.
On a write of 1, the mask of the UARTRIINTR interrupt is set. A write of 0 clears the mask.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com