Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0352 Datasheet(PDF) 131 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 131 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 127Page - STMicroelectronics RM0352 Datasheet HTML 128Page - STMicroelectronics RM0352 Datasheet HTML 129Page - STMicroelectronics RM0352 Datasheet HTML 130Page - STMicroelectronics RM0352 Datasheet HTML 131Page - STMicroelectronics RM0352 Datasheet HTML 132Page - STMicroelectronics RM0352 Datasheet HTML 133Page - STMicroelectronics RM0352 Datasheet HTML 134Page - STMicroelectronics RM0352 Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 138 page
background image
DocID024647 Rev 1
131/138
RM0352
UART (universal asynchronous receive transmit)
137
12.6.11
Raw interrupt status register, UARTRIS
The UARTRIS register is the raw interrupt status register. It is a read-only register. This
register returns the current raw status value, prior to masking, of the corresponding
interrupt. A write has no effect.
Caution:
All the bits, except for the modem status interrupt bits (bits 3 to 0), are cleared to 0 when
reset. The modem status interrupt bits are undefined after reset.
Table 128 lists the register bit assignments.
Table 128. UARTRIS register
Bits
Name
Function
15:11
-
RESERVED, read as zero, do not modify.
10
OERIS
Overrun error interrupt status. Returns the raw interrupt state of the
UARTOEINTR interrupt.
9
BERIS
Break error interrupt status. Returns the raw interrupt state of the
UARTBEINTR interrupt.
8
PERIS
Parity error interrupt status. Returns the raw interrupt state of the
UARTPEINTR interrupt.
7
FERIS
Framing error interrupt status. Returns the raw interrupt state of the
UARTFEINTR interrupt.
6
RTRIS
Receive timeout interrupt status. Returns the raw interrupt state of the
UARTRTINTR
interrupt.
(1)
5
TXRIS
Transmit interrupt status. Returns the raw interrupt state of the
UARTTXINTR interrupt.
4
RXRIS
Receive interrupt status. Returns the raw interrupt state of the
UARTRXINTR interrupt.
3
DSRRMIS
nUARTDSR modem interrupt status. Returns the raw interrupt state of the UARTDSRINTR
interrupt.
2
DCDRMIS
nUARTDCD modem interrupt status. Returns the raw interrupt state of the UARTDCDINTR
interrupt.
1CTSRMIS
nUARTCTS modem interrupt status. Returns the raw interrupt state of the UARTCTSINTR
interrupt.
0RIRMIS
nUARTRI modem interrupt status. Returns the raw interrupt state of the UARTRIINTR
interrupt.
1.
In this case the raw interrupt cannot be set unless the mask is set, this is because the mask acts as an enable for power
saving. That is, the same status can be read from UARTMIS and UARTRIS for the receive timeout interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com