Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0352 Datasheet(PDF) 135 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 130Page - STMicroelectronics RM0352 Datasheet HTML 131Page - STMicroelectronics RM0352 Datasheet HTML 132Page - STMicroelectronics RM0352 Datasheet HTML 133Page - STMicroelectronics RM0352 Datasheet HTML 134Page - STMicroelectronics RM0352 Datasheet HTML 135Page - STMicroelectronics RM0352 Datasheet HTML 136Page - STMicroelectronics RM0352 Datasheet HTML 137Page - STMicroelectronics RM0352 Datasheet HTML 138Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 135 / 138 page
background image
DocID024647 Rev 1
135/138
RM0352
UART (universal asynchronous receive transmit)
137
UARTPeriphID3 register
The UARTPeriphID3 register is hard coded and the fields in the register determine the reset
value.
Table 134 lists the register bit assignments.
12.6.15
PrimeCell identification registers, UARTPCellID0-3
The UARTPCellID0-3 registers are four 8-bit wide registers, that span address locations
0xFF0 - 0xFFC. The registers can conceptually be treated as a 32-bit register. The register
is used as a standard cross-peripheral identification system. The UARTPCellID register is
set to 0xB105F00D.
The four, 8-bit PrimeCell identification registers are described in the following subsections:
•
UARTPCellID0 register
•
UARTPCellID1 register
•
UARTPCellID2 register
on page 136
•
UARTPCellID3 register
on page 136.
UARTPCellID0 register
The UARTPCellID0 register is hard coded and the fields in the register determine the reset
value.
Table 135 lists the register bit assignments.
UARTPCellID1 register
The UARTPCellID1 register is hard coded and the fields in the register determine the reset
value.
Table 136 lists the register bit assignments.
Table 134. UARTPeriphID3 register
Bits
Name
Description
15:8
-
RESERVED, read undefined, must read as zeros.
7:0
Configuration
These bits read back as 0x00.
Table 135. UARTPCellID0 register
Bits
Name
Description
15:8
-
RESERVED, read undefined, must read as zeros.
7:0
UARTPCellID0
These bits read back as 0x0D.
Table 136. UARTPCellID1 register
Bits
Name
Description
15:8
-
RESERVED, read undefined, must read as zeros.
7:0
UARTPCellID1
These bits read back as 0xF0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com