Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0352 Datasheet(PDF) 132 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 128Page - STMicroelectronics RM0352 Datasheet HTML 129Page - STMicroelectronics RM0352 Datasheet HTML 130Page - STMicroelectronics RM0352 Datasheet HTML 131Page - STMicroelectronics RM0352 Datasheet HTML 132Page - STMicroelectronics RM0352 Datasheet HTML 133Page - STMicroelectronics RM0352 Datasheet HTML 134Page - STMicroelectronics RM0352 Datasheet HTML 135Page - STMicroelectronics RM0352 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 138 page
background image
UART (universal asynchronous receive transmit)
RM0352
132/138
DocID024647 Rev 1
12.6.12
Masked interrupt status register, UARTMIS
The UARTMIS register is the masked interrupt status register. It is a read-only register. This
register returns the current masked status value of the corresponding interrupt. A write has
no effect.
All the bits except for the modem status interrupt bits (bits 3 to 0) are cleared to 0 when
reset. The modem status interrupt bits are undefined after reset.
Table 129 lists the register
bit assignments.
Table 129. UARTMIS register
Bits
Name
Function
15:11
-
RESERVED, read as zero, do not modify.
10
OEMIS
Overrun error masked interrupt status. Returns the masked interrupt state of the
UARTOEINTR interrupt.
9
BEMIS
Break error masked interrupt status. Returns the masked interrupt state of the
UARTBEINTR
interrupt.
8
PEMIS
Parity error masked interrupt status. Returns the masked interrupt state of the
UARTPEINTR
interrupt.
7
FEMIS
Framing error masked interrupt status. Returns the masked interrupt state of the
UARTFEINTR interrupt.
6
RTMIS
Receive timeout masked interrupt status. Returns the masked interrupt state of the
UARTRTINTR interrupt.
5
TXMIS
Transmit masked interrupt status. Returns the masked interrupt state of the
UARTTXINTR
interrupt.
4
RXMIS
Receive masked interrupt status. Returns the masked interrupt state of the
UARTRXINTR
interrupt.
3
DSRMMIS
nUARTDSR modem masked interrupt status. Returns the masked interrupt state of the
UARTDSRINTR interrupt.
2
DCDMMIS
nUARTDCD modem masked interrupt status. Returns the masked interrupt state of the
UARTDCDINTR interrupt.
1CTSMMIS
nUARTCTS modem masked interrupt status. Returns the masked interrupt state of the
UARTCTSINTR interrupt.
0RIMMIS
nUARTRI modem masked interrupt status. Returns the masked interrupt state of the
UARTRIINTR interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com