Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0352 Datasheet(PDF) 129 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 125Page - STMicroelectronics RM0352 Datasheet HTML 126Page - STMicroelectronics RM0352 Datasheet HTML 127Page - STMicroelectronics RM0352 Datasheet HTML 128Page - STMicroelectronics RM0352 Datasheet HTML 129Page - STMicroelectronics RM0352 Datasheet HTML 130Page - STMicroelectronics RM0352 Datasheet HTML 131Page - STMicroelectronics RM0352 Datasheet HTML 132Page - STMicroelectronics RM0352 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 138 page
background image
DocID024647 Rev 1
129/138
RM0352
UART (universal asynchronous receive transmit)
137
Program the control registers as follows:
1.
Disable the UART.
2.
Wait for the end of transmission or reception of the current character.
3.
Flush the transmit FIFO by setting the FEN bit to 0 in the line control register,
UARTLCR_H in
Section 12.6.7 on page 126.
4.
Reprogram the UARTCR register.
5.
Enable the UART.
12.6.9
Interrupt FIFO level select register, UARTIFLS
The UARTIFLS register is the interrupt FIFO level select register. You can use this register
to define the FIFO level that triggers the assertion of UARTTXINTR and UARTRXINTR.
The interrupts are generated based on a transition through a level rather than being based
on the level. That is, the interrupts are generated when the fill level progresses through the
trigger level.
The bits are reset so that the trigger level is when the FIFOs are at the half-way mark.
Table 126 lists the register bit assignments.
Table 126. UARTIFLS register
Bits
Name
Function
15:6
-
RESERVED, do not modify, read as zero.
5:3
RXIFLSEL
Receive interrupt FIFO level select. The trigger points for the receive interrupt are as follows:
b000 = receive FIFO becomes
≥ 1/8 full
b001 = receive FIFO becomes
≥ 1/4 full
b010 = receive FIFO becomes
≥ 1/2 full
b011 = receive FIFO becomes
≥ 3/4 full
b100 = receive FIFO becomes
≥ 7/8 full
b101 - b111 = RESERVED.
2:0
TXIFLSEL
Transmit interrupt FIFO level select. The trigger points for the transmit interrupt are as follows:
b000 = transmit FIFO becomes
≤ 1/8 full
b001 = transmit FIFO becomes
≤ 1/4 full
b010 = transmit FIFO becomes
≤ 1/2 full
b011 = transmit FIFO becomes
≤ 3/4 full
b100 = transmit FIFO becomes
≤ 7/8 full
b101 - b111 = RESERVED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com