Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0352 Datasheet(PDF) 125 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 121Page - STMicroelectronics RM0352 Datasheet HTML 122Page - STMicroelectronics RM0352 Datasheet HTML 123Page - STMicroelectronics RM0352 Datasheet HTML 124Page - STMicroelectronics RM0352 Datasheet HTML 125Page - STMicroelectronics RM0352 Datasheet HTML 126Page - STMicroelectronics RM0352 Datasheet HTML 127Page - STMicroelectronics RM0352 Datasheet HTML 128Page - STMicroelectronics RM0352 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 138 page
background image
DocID024647 Rev 1
125/138
RM0352
UART (universal asynchronous receive transmit)
137
The maximum error using a 6-bit UARTFBRD register = 1/64 × 100 = 1.56%. This occurs
when m = 1, and the error is cumulative over 64 clock ticks.
Table 121 lists some typical bit rates and their corresponding divisors when UARTCLK is
7.3728MHz. These values do not use the fractional divider so the value in the UARTFBRD
register is zero.
Table 122 lists some required bit rates and their corresponding integer and fractional divisor
values and generated bit rates when UARTCLK is 4 MHz.
Table 121. Typical baud rates and integer divisors when UARTCLK = 7.3728 MHz
Programmed integer divisor
Bit rate (bps)
0x1
460800
0x2
230400
0x4
115200
0x6
76800
0x8
57600
0xC
38400
0x18
19200
0x20
14400
0x30
9600
0xC0
2400
0x180
1200
0x105D
110
Table 122. Integer and fractional divisors for typical baud rates when
UARTCLK = 4 MHz
Programmed
integer divisor
Programmed
fractional divisor
Required bit rate
(bps)
Generated bit
rate (bps)
Error%
0x1
0x5
230400
231911
0.656
0x2
0xB
115200
115101
0.086
0x3
0x10
76800
76923
0.160
0x6
0x21
38400
38369
0.081
0x11
0x17
14400
14401
0.007
0x68
0xB
2400
2400
~0
0x8E0
0x2F
110
110
~0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com