Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0352 Datasheet(PDF) 133 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 133 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 129Page - STMicroelectronics RM0352 Datasheet HTML 130Page - STMicroelectronics RM0352 Datasheet HTML 131Page - STMicroelectronics RM0352 Datasheet HTML 132Page - STMicroelectronics RM0352 Datasheet HTML 133Page - STMicroelectronics RM0352 Datasheet HTML 134Page - STMicroelectronics RM0352 Datasheet HTML 135Page - STMicroelectronics RM0352 Datasheet HTML 136Page - STMicroelectronics RM0352 Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 138 page
background image
DocID024647 Rev 1
133/138
RM0352
UART (universal asynchronous receive transmit)
137
12.6.13
Interrupt clear register, UARTICR
The UARTICR register is the interrupt clear register and is write-only. On a write of 1, the
corresponding interrupt is cleared. A write of 0 has no effect.
Table 130 lists the register bit
assignments.
12.6.14
Peripheral identification registers, UARTPeriphID0-3
The UARTPeriphID0-3 registers are four 8-bit registers, that span address locations
0xFE0 - 0xFEC. The registers can conceptually be treated as a 32-bit register. The read
only registers provide the following options of the peripheral:
PartNumber [11:0]
Identifies the peripheral. This is 0x011 for the UART.
Designer ID [19:12]
Identifies the designer. This is set to 0x41, to indicate that the ARM
designed the peripheral.
Revision [23:20]
The peripheral revision number is revision-dependent. See
Table 133: UARTPeriphID2 register. For the Brain device, r1p5
peripheral revision is used which corresponds to 0x3 value.
Configuration [31:24]
The configuration option of the peripheral. The configuration value
is 0.
Note:
When you design a systems memory map you must remember that the register has a 4 KB
memory footprint. All memory accesses to the peripheral identification registers must be
32-bit, using the LDR and STR instructions.
The four, 8-bit peripheral identification registers are described in the following subsections:
•
UARTPeriphID0 register
•
UARTPeriphID1 register
•
UARTPeriphID2 register
•
UARTPeriphID3 register
Table 130. UARTICR register
Bits
Name
Function
15:11
RESERVED
RESERVED, read as zero, do not modify.
10
OEIC
Overrun error interrupt clear. Clears the
UARTOEINTR interrupt.
9
BEIC
Break error interrupt clear. Clears the
UARTBEINTR interrupt.
8
PEIC
Parity error interrupt clear. Clears the
UARTPEINTR interrupt.
7
FEIC
Framing error interrupt clear. Clears the
UARTFEINTR interrupt.
6
RTIC
Receive timeout interrupt clear. Clears the
UARTRTINTR interrupt.
5
TXIC
Transmit interrupt clear. Clears the
UARTTXINTR interrupt.
4
RXIC
Receive interrupt clear. Clears the
UARTRXINTR interrupt.
3DSRMIC
nUARTDSR modem interrupt clear. Clears the UARTDSRINTR interrupt.
2DCDMIC
nUARTDCD modem interrupt clear. Clears the UARTDCDINTR interrupt.
1CTSMIC
nUARTCTS modem interrupt clear. Clears the UARTCTSINTR interrupt.
0
RIMIC
nUARTRI modem interrupt clear. Clears the UARTRIINTR interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com