Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3133 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3133
Description  A real-time clock is a computer clock that keeps track of the current time
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3133 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3133 Datasheet HTML 5Page - STMicroelectronics AN3133 Datasheet HTML 6Page - STMicroelectronics AN3133 Datasheet HTML 7Page - STMicroelectronics AN3133 Datasheet HTML 8Page - STMicroelectronics AN3133 Datasheet HTML 9Page - STMicroelectronics AN3133 Datasheet HTML 10Page - STMicroelectronics AN3133 Datasheet HTML 11Page - STMicroelectronics AN3133 Datasheet HTML 12Page - STMicroelectronics AN3133 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
AN3133
Real-time clock overview
Doc ID 16956 Rev 5
9/43
The alarm consists of a register with the same length as the RTC time counter. When the
RTC time counter reaches the value programmed in the alarm register, a flag is set to
indicate that an alarm event occurred.
The STM8L/STM8AL RTC alarm can be configured by hardware to generate different types
of alarms. For more details refer to Table 8.
1.3
RTC periodic wakeup unit
Like many low consumption microcontrollers, STM8L/STM8AL microcontrollers provide
several low power modes to reduce power consumption.
STM8L/STM8AL microcontrollers feature a periodic timebase and wakeup unit that can
wake up the system when the device operates in low power mode. This unit is a
programmable downcounting auto-reload timer. When this counter reaches zero, a flag and
an interrupt (if enabled) are generated.
The wakeup unit has the following features:
Programmable downcounting auto-reload timer
Specific flag and interrupt capable of waking up the device from low power modes
Wakeup alternate function output which can be routed to RTC_ALARM output (unique
pad for both Alarm and Wakeup events) with configurable polarity
A full set of prescalers to select the desired waiting period
1.4
RTC smooth digital calibration
The RTC clock frequency can be digitally calibrated by a series of small adjustments by
adding or subtracting RTC clock cycles.
The RTC calibration block is designed to compensate the accuracy of typical crystal
oscillators.
Crystal accuracy is highly dependant on:
Temperature
Crystal aging
Crystal accuracy is typically ±35 ppm at 25° C (see Figure 4) which corresponds to
±1.5 min. per month.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com