Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3133 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3133
Description  A real-time clock is a computer clock that keeps track of the current time
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3133 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3133 Datasheet HTML 20Page - STMicroelectronics AN3133 Datasheet HTML 21Page - STMicroelectronics AN3133 Datasheet HTML 22Page - STMicroelectronics AN3133 Datasheet HTML 23Page - STMicroelectronics AN3133 Datasheet HTML 24Page - STMicroelectronics AN3133 Datasheet HTML 25Page - STMicroelectronics AN3133 Datasheet HTML 26Page - STMicroelectronics AN3133 Datasheet HTML 27Page - STMicroelectronics AN3133 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
Useful RTC configuration examples
AN3133
24/43
Doc ID 16956 Rev 5
3.4.3
Periodic timebase/wakeup clock configuration 3
For this configuration, the resolution is the same as for configuration 2. However the
timebase/wakeup counter downcounts starting from 0x1FFFF to 0x00000, instead of
0xFFFF to 0x0000 for configuration 2.
●
For medium-density products
–
The minimum timebase/wakeup period is:
(0x10000 + 1) x 125 ns = 8.19 ms
–
The maximum timebase/wakeup period is:
(0x1FFFF+ 1) x 2048 s = more than 8 years
●
For medium+ and high-density products
–
The minimum timebase/wakeup period is:
(0x10000 + 1) x 62.5 ns = 4.09 ms
–
The maximum timebase/wakeup period is:
(0x1FFFF+ 1) x 8192 s = more than 33 years
3.4.4
Summary of timebase/wakeup period extrema
The minimum and maximum period values, according on the configuration, are listed in
Table 14 for medium density products and Table 15 for medium+ and high-density products.
Table 14.
Min. and max. timebase/wakeup period (medium density products)
Configuration
Minimum period
Maximum period
1
250 ns
2048 s
2
125 ns
More than 4 years
3
8.192125 ms
More than 8 years
Table 15.
Min. and max. timebase/wakeup period (med+ and high-density products)
Configuration
Minimum period
Maximum period
1
0.250 µs
2048 s
2
62.5 ns
More than 16 years
3
4.096 ms
More than 33 years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com