Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3133 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN3133
Description  A real-time clock is a computer clock that keeps track of the current time
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3133 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN3133 Datasheet HTML 21Page - STMicroelectronics AN3133 Datasheet HTML 22Page - STMicroelectronics AN3133 Datasheet HTML 23Page - STMicroelectronics AN3133 Datasheet HTML 24Page - STMicroelectronics AN3133 Datasheet HTML 25Page - STMicroelectronics AN3133 Datasheet HTML 26Page - STMicroelectronics AN3133 Datasheet HTML 27Page - STMicroelectronics AN3133 Datasheet HTML 28Page - STMicroelectronics AN3133 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
AN3133
RTC features summary
Doc ID 16956 Rev 5
25/43
4
RTC features summary
Table 16.
Summary of RTC features by product family
RTC features
Medium+ and High density
Medium density
Prescalers
Asynchronous 7 bits
Same
Synchronous
15 bit
13 bit
Bypass shadow
Available
Not available
Calendar
Time
– 12h/24h time format
– Hours
–Minutes
– Seconds
Same
Sub-seconds
– Sub-seconds
Not available
Date
–Weekday
–Date
–Month
–Year
Same
Daylight
operation
Add or subtract 1 hour to compensate
for daylight savings time.
Same
Wake-up unit
3 possible configurations for:
– Short period wakeup
– Medium period wakeup
– Long period wakeup
Same but less than high-
density products due to
additional Synchronous
Prescaler bits.
Alarm
Time
– 12h/24h time format
– Hours
–Minutes
– Seconds
Same
Sub-seconds
– Sub-seconds
Not available
Date
Date or Weekday
Same
Masks
Masks for time, date and sub-seconds
Masks for time and date only.
RTC
outputs
RTC_ALARM
pin
Depending on configuration, it can
deliver Alarm or WakeUp status.
Same
RTC_CALIB
pin
Depending on configuration, it can
deliver 1-Hz or 512-Hz signal.
512-Hz signal only
Tamper detection
– Configurable filter
– Configurable sampling frequency
– Configurable pins input precharge
duration
– Configurable sensitivity
Not available
Shift control
Add and subtract sub-seconds to
adjust the time.
Not available
Smooth calibration
Recalibrate the RTC clock for crystal
accuracy compensation.
Not available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com