Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3133 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN3133
Description  A real-time clock is a computer clock that keeps track of the current time
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3133 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN3133 Datasheet HTML 25Page - STMicroelectronics AN3133 Datasheet HTML 26Page - STMicroelectronics AN3133 Datasheet HTML 27Page - STMicroelectronics AN3133 Datasheet HTML 28Page - STMicroelectronics AN3133 Datasheet HTML 29Page - STMicroelectronics AN3133 Datasheet HTML 30Page - STMicroelectronics AN3133 Datasheet HTML 31Page - STMicroelectronics AN3133 Datasheet HTML 32Page - STMicroelectronics AN3133 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
AN3133
Application examples
Doc ID 16956 Rev 5
29/43
6
Application examples
STM8L/STM8AL RTC firmware is provided with a set of examples so that the user can
quickly become familiar with the firmware library.
This section provides five examples:
The first one shows how to configure and display calendar and alarm settings.
The second example shows how to configure wakeup unit in low power mode.
The third example shows how to generate wakeup events at a frequency higher than
1 Hz.
The fourth example shows how to use the tamper detection features.
The fifth example shows how to use calendar and tamper detect features to implement
an accurate chronometer.
6.1
Example 1: Calendar and alarm
This example provides a short description of how to use the RTC peripheral calendar
features: seconds, minutes, hours (12 or 24 format), day, date, month, and year.
This example is delivered within the STM8L05x/STM8L15x/STM8L16x/STM8AL31x/
STM8AL3Lx standard peripheral library available from http://wwwst.com/stm8l (documents
and files for the STM8L family). It is located at STM8l15x_StdPeriph_Lib.zip\Project\
STM8L15x_StdPeriph_Examples\RTC\RTC_WakeupLPMode\
This example runs on both the STM8L1526-EVAL and STM8L1528-EVAL boards. It enables
configuring the RTC calendar and alarm and displaying their values in real-time using the
LCD and joystick.
After power-up, the default date and time are displayed on the LCD. The user can then
modify the date, time and alarm using the joystick buttons.
When an alarm occurs, a message is displayed on the LCD, and the LEDs toggle for a
second.
The flowcharts of this example are presented in Figure 14 and Figure 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com