Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3133 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN3133
Description  A real-time clock is a computer clock that keeps track of the current time
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3133 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN3133 Datasheet HTML 29Page - STMicroelectronics AN3133 Datasheet HTML 30Page - STMicroelectronics AN3133 Datasheet HTML 31Page - STMicroelectronics AN3133 Datasheet HTML 32Page - STMicroelectronics AN3133 Datasheet HTML 33Page - STMicroelectronics AN3133 Datasheet HTML 34Page - STMicroelectronics AN3133 Datasheet HTML 35Page - STMicroelectronics AN3133 Datasheet HTML 36Page - STMicroelectronics AN3133 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
AN3133
Application examples
Doc ID 16956 Rev 5
33/43
Figure 18.
LCD display description
User can manipulate the application using the Tamper, Key and Joystick navigation buttons,
the buttons actions are described in the following table.
To observe the exact time spent between the Tamper 1 button press and the Tamper 1
Interrupt, the user must simultaneously press the Key button and Tamper button until LED3
switches on; meaning that Tamper1 Interrupt occurred. Then the User can check the delay
value between the Tamper 1 button press and the Tamper 1 Interrupt.
This example is delivered within the STM8L05x/STM8L15x/STM8L16x/STM8AL31x/
STM8AL3Lx standard peripheral library available from
STM8l15x_StdPeriph_Lib.zip\Project\STM8L15x_StdPeriph_Examples\RTC\RTC_Tamper1
Detection\
The flowcharts below explain the example procedures.
Table 18.
Buttons and corresponding actions
Button
Action
Joystick UP
To increase the delay between the Tamper 1 button press and the Tamper 1
Interrupt.
Four Pre-configurations can be selected: 0s / 1s / 3s / 7s.
Note: 0s means that a tamper interrupt occurs between 0s:000 and 0s:999.
Joystick DOWN
Same as the Joystick UP, but to decrease instead on increasing the delay
between the Tamper 1 button press and the Tamper 1 Interrupt.
KEY
Store the current Time and display it on “saved time” LCD side
TAMPER
If it is kept pressed during the delay (selected using Joystick UP or DOWN
buttons), the Tamper Interrupt occurs, LED3 is On, the MCU enters in the halt
mode and LCD display is frozen. When the CPU exits Halt mode, LED3 is off.
Note: To exit from Halt mode, press the Key button (Joystick UP or DOWN can
also be used).
TMP IT after 3 s
06:336
07:963
Tamper Filter current configuration
Example: On pressing on Tamper Button,
a tamper interrupt will occur within a period
between 3s:000 and 3s:999
Current Time (seconds and milliseconds)
Saved Time (seconds and milliseconds)
The time is saved when the Key button is pressed.
Example: The key button was pressed at 06:336.
ExTamper_01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com