Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3133 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3133
Description  A real-time clock is a computer clock that keeps track of the current time
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3133 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3133 Datasheet HTML 10Page - STMicroelectronics AN3133 Datasheet HTML 11Page - STMicroelectronics AN3133 Datasheet HTML 12Page - STMicroelectronics AN3133 Datasheet HTML 13Page - STMicroelectronics AN3133 Datasheet HTML 14Page - STMicroelectronics AN3133 Datasheet HTML 15Page - STMicroelectronics AN3133 Datasheet HTML 16Page - STMicroelectronics AN3133 Datasheet HTML 17Page - STMicroelectronics AN3133 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
Real-time clock overview
AN3133
14/43
Doc ID 16956 Rev 5
Note:
The RTC_CALIB output is available on PD3 for 28-pin devices and on PD6 for 32- and 48-
pin devices.
Figure 8.
RTC_CALIB clock sources
1.
RTCDIV[2:0] and RTCSEL[3:0] are bits of the CLK_CRTCR register.
1.7.2
RTC_ALARM output
The RTC_ALARM output can either be connected to the RTC alarm unit to trigger an
external action, or routed to the RTC wakeup unit to wake up an external device.
Note:
The RTC_ALARM pin is on PB3 for 28-pin devices, on PD7 for 32- and 48-pin devices.
RTC_ALARM output connected to the RTC alarm unit
When the calendar reaches the value pre-programmed in the RTC_ALRMARx registers, the
alarm flag (ALRAF bit in RTC_ISR2 register) is set to ‘1’. If the alarm flag is routed to the
RTC_ALARM output (OSEL[1:0] bits set to ‘01’ in RTC_CR3), this pin is set to VDD or to
GND, depending on the polarity selected. The output toggles when the alarm flag is cleared
.
Figure 9.
Alarm flag routed to RTC_ALARM output
Ai17264a
HSE
HSI
LSE
LSI
RTCCLK
CLKRTC
Prescaler
Asynchronous
Prescaler
PREDIV_A[5:0]
RTCDIV[2:0]
RTC_CR3 COE
RTCSEL[3:0]
RTC_CALIB
RTC_CR3
COSEL
512 Hz output
1 Hz output
ai17265
Alarm flag
RTC_ALARM
output
Calendar
Day/date/
month/year
hh:mm:ss
(12/24 format)
Alarm
ss, mm, HH/date
RTC_CR3/
OSEL[1:0]
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com