Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3133 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3133
Description  A real-time clock is a computer clock that keeps track of the current time
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3133 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3133 Datasheet HTML 19Page - STMicroelectronics AN3133 Datasheet HTML 20Page - STMicroelectronics AN3133 Datasheet HTML 21Page - STMicroelectronics AN3133 Datasheet HTML 22Page - STMicroelectronics AN3133 Datasheet HTML 23Page - STMicroelectronics AN3133 Datasheet HTML 24Page - STMicroelectronics AN3133 Datasheet HTML 25Page - STMicroelectronics AN3133 Datasheet HTML 26Page - STMicroelectronics AN3133 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
AN3133
Useful RTC configuration examples
Doc ID 16956 Rev 5
23/43
3.4.2
Periodic timebase/wake up clock configuration 2
Figure 13 shows the prescaler connection to the timebase/wakeup unit and Table 12 gives
the timebase/wakeup clock resolutions corresponding to configuration 2 for medium density
products and Table 13 for medium+ and high-density products.
Figure 13.
Prescalers connected to the wake up unit for configurations 2 and 3
The minimum resolution for configuration 2 is 0.125 µs, and the maximum resolution 8192 s.
As a result:
The minimum timebase/wakeup period is (0x0000 + 1) x 0.125 µs = 0.125 µs.
The maximum timebase/wakeup period is (0xFFFF+ 1) x 8192 s = 536870912 s (more
than 16 years).
Table 12.
Timebase/wakeup unit period resolution with clock configuration 2
Clock source
Wakeup period resolution
RTCDIV[2:0] = div64
PREDIV_A[6:0] = div128
PREDIV_S[12:0] = div8192
RTCDIV[2:0] = div1
PREDIV_A[6:0] = div2(1)
PREDIV_S[12:0] = div1
1.
PREDIV_A minimum value is ‘1’ on medium density devices.
HSE = 1 MHz
67.10 s
2 µs
HSI = 16 MHz
4.19 s
125 ns
LSE = 32 768 Hz
2048 s
61 µs
LSI = 38 kHz
1766.02 s
52.6 µs
Table 13.
Timebase/wakeup unit period resolution with clock configuration 2
Clock source
Wakeup period resolution
RTCDIV[2:0] = div64
PREDIV_A[6:0] = div128
PREDIV_S[14:0] = 32768
RTCDIV[2:0] = div1
PREDIV_A[6:0] = div2(1)
PREDIV_S[14:0] = div1
1.
PREDIV_A minimum value is ‘1’ on medium density devices.
HSE = 1 MHz
268.43 s
1 µs
HSI = 16 MHz
16.77 s
62.5 ns
LSE = 32 768 Hz
8192 s
30.5 µs
LSI = 38 kHz
7064.09 s
26.3 µs
HSE
RTCSEL[3:0]
HSI
LSE
LSI
WUCKSEL[2:0]
ai17268
RTC
prescaler
16-bit wakeup
auto-reload timer
Periodic
wakeup flag
RTCDIV[2:0]
Asynchronous
(PREDIV_A) and
synchronous
(PREDIV_S)
prescalers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com