Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3133 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3133
Description  A real-time clock is a computer clock that keeps track of the current time
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3133 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3133 Datasheet HTML 8Page - STMicroelectronics AN3133 Datasheet HTML 9Page - STMicroelectronics AN3133 Datasheet HTML 10Page - STMicroelectronics AN3133 Datasheet HTML 11Page - STMicroelectronics AN3133 Datasheet HTML 12Page - STMicroelectronics AN3133 Datasheet HTML 13Page - STMicroelectronics AN3133 Datasheet HTML 14Page - STMicroelectronics AN3133 Datasheet HTML 15Page - STMicroelectronics AN3133 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
Real-time clock overview
AN3133
12/43
Doc ID 16956 Rev 5
Digital filtering is performed by configuring the number of identical and consecutive active
levels which must be detected in order to generate a tamper event, and an interrupt which
will wake up the device from Active-halt mode. The number of consecutive active levels
before issuing an event can be 1, 2, 4 or 8.
Figure 7.
Example of tamper filtering
1.
Tamper is set after 2 consecutive samples at the active level.
Figure 7 shows a tamper detection with the following configuration:
●
TAMPxLEVEL = 0x1: High level
●
TAMPFREQ = 0x0: Tamper sampling frequency = 1 Hz
●
TAMPPRCH = 0x1: Tamper precharge duration = 2 cycles
●
TAMPFLT = 0x1: Tamper filter count = 2 consecutive samples
1.6
RTC and low-power consumption
The STM8L/STM8AL RTC is designed to minimize the power consumption. The prescalers
used for the calendar are divided in 2: synchronous and asynchronous.
Increasing the value of the asynchronous prescaler reduces the power consumption.
The RTC continues working in reset mode and its registers are not reset except by a Power-
on reset. RTC registers values are not lost after a reset and the calendar keeps the correct
time and date.
After a system reset or a power-on reset, the device operates in Run mode. In addition, the
device supports five low power modes to achieve the best compromise between low power
consumption, short startup time and available wakeup sources.
The RTC peripheral can be active in the following low power modes:
●
Wait
●
Low Power Run
●
Low Power Wait
●
Active-halt
The RTC cannot wake up the device from Low Power Run and Low Power Wait mode since
there is no associated event.
RTCCLK
TamperDet_03
RTC_TAMPx
Switch Closed
Switch Open
TAMPPRCH = 0x1 (2 cycles)
Sampled level: 0
Sampled level: 0
Sampled level: 1
Sampled level: 1
TAMPFREQ = 0x0 (1 s)
TAMPFREQ = 0x0 (1 s)
TAMPxF interrupt
TAMPFLT = 0x1
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com